Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7A2 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT91SAM7A2
Description  ARM Thumb - based Microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT91SAM7A2 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
AT91SAM7A2 - Summary
6021AS–ATARM–03/04
ADC: Analog to
Digital Converter
The two identical 8-channel 10-bit Analog-to-Digital Converters (ADC) are based on a Succes-
sive Approximation Register (SAR) approach. Each ADC has 8 analog input pins, ANA0IN0 to
ANA0IN7 and ANA1IN0 to ANA1IN7, and provides an interrupt signal to the AIC. Both ADCs
share the analog power supply pins VDDA and GNDA, and the input reference voltage pin
VREFP. Each channel can be enabled or disabled independently, and has its own data register.
The ADC can be configured to automatically enter Sleep Mode after a conversion sequence,
and can be triggered by the software. The ADC allows a data transfer with the PDC.
PMC: Power
Management
Controller
The AT91SAM7A2 Power Management Controller allows optimization of power consumption.
The PMC enables/disables the clock inputs of the PDC and ARM core. Moreover, the main
oscillator, the PLL and the analog peripherals can be put in standby mode allowing minimum
power consumption to be obtained. The PMC provides the following operating modes:
•
Normal: the clock generator provides clock to chip.
•
Wait Mode: the ARM core clock is deactivated.
•
Slow Mode: the clock generator is deactivated, the system is clocked at 32.768 kHz.
Each peripheral clock can be independently stopped or started directly in the peripheral to fur-
ther reduce power consumption in Normal, Wait and Slow Modes.
ICE Debug Mode
ARM Standard Embedded In Circuit Emulation is supported via the ICE port. It is connected to
a host computer via an external ICE Interface. In ICE Debug Mode the ARM core responds
with a non-JTAG chip ID which identifies the core to the ICE system. This is not JTAG IEEE
1149.1 compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com