Electronic Components Datasheet Search
  English  ▼

X  

B43641 Datasheet(PDF) 2 Page - TDK Electronics

Part # B43641
Description  Snap-in capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43641 Datasheet(HTML) 2 Page - TDK Electronics

  B43641 Datasheet HTML 1Page - TDK Electronics B43641 Datasheet HTML 2Page - TDK Electronics B43641 Datasheet HTML 3Page - TDK Electronics B43641 Datasheet HTML 4Page - TDK Electronics B43641 Datasheet HTML 5Page - TDK Electronics B43641 Datasheet HTML 6Page - TDK Electronics B43641 Datasheet HTML 7Page - TDK Electronics B43641 Datasheet HTML 8Page - TDK Electronics B43641 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Long-life grade capacitors
Applications
Power supplies
Frequency converters
Uninterruptible power supplies
Medical appliances
Solar inverters
Features
Extremely high CV product, ultra compact
High reliability
High ripple current capability
Capacitors with all insulation versions pass the needle flame
test according to IEC 60695-11-5 for all flame exposure times
up to 120 s
RoHS-compatible
Construction
Charge/discharge-proof, polar
Aluminum case, insulated with PET sleeve without insulation
sheet at the can bottom
Snap-in solder pins to hold component in place on PC-board
Minus pole marking on case surface
Minus pole not insulated from case
Overload protection by safety vent on the base
Terminals
Standard version with 2 terminals,
2 lengths available: 6.3 and 4.5 mm
3 terminals to ensure correct insertion: length 4.5 mm
Snap-in capacitors
B43641
Ultra compact
105
°C
Preliminary Data
Page2of16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com