Electronic Components Datasheet Search
  English  ▼

X  

AT1743 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT1743
Description  2-Channel PWM Controller for LCD Display
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT1743 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT1743 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AT1743
2-Channel PWM Controller for LCD Display
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Configuration
Ordering Information
Part number
Package
Marking
AT1743
TSSOP16
AT1743P
---
Pin Description
Pin No.
Symbol
I/O
Description
1
CT
--
External timing capacitor
2
RT
--
External timing resistor
3
NON1
I
Positive input for error amplifier 1
4
INV1
I
Negative input for error amplifier 1
5
FB1
O
Error amplifier 1 output
6
DT1
I
Output 1 dead time / soft start setting
7
OUT1
O
Output 1
8
GND
--
Ground
9
Vcc
--
Power supply
10
OUT2
O
Output 2
11
DT2
I
Output 2 dead time / soft start setting
12
FB2
O
Error amplifier 2 output
13
INV2
I
Negative input for error amplifier 2
14
NON2
I
Positive input for error amplifier 2
15
SCP
--
Time latch setting
16
Vref
O
Reference voltage output(2.5V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com