Electronic Components Datasheet Search
  English  ▼

X  

AT89C51RC-24AI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89C51RC-24AI
Description  8-bit Microcontroller with 32K Bytes Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC-24AI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89C51RC-24AI Datasheet HTML 5Page - ATMEL Corporation AT89C51RC-24AI Datasheet HTML 6Page - ATMEL Corporation AT89C51RC-24AI Datasheet HTML 7Page - ATMEL Corporation AT89C51RC-24AI Datasheet HTML 8Page - ATMEL Corporation AT89C51RC-24AI Datasheet HTML 9Page - ATMEL Corporation AT89C51RC-24AI Datasheet HTML 10Page - ATMEL Corporation AT89C51RC-24AI Datasheet HTML 11Page - ATMEL Corporation AT89C51RC-24AI Datasheet HTML 12Page - ATMEL Corporation AT89C51RC-24AI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
AT89C51RC
1920B–MICRO–11/02
Memory Organization MCS-51 devices have a separate address space for Program and Data Memory. Up to
64K bytes each of external Program and Data Memory can be addressed.
Program Memory
If the EA pin is connected to GND, all program fetches are directed to external memory.
On the AT89C51RC, if EA is connected to V
CC, program fetches to addresses 0000H
through 7FFFH are directed to internal memory and fetches to addresses 8000H
through FFFFH are to external memory.
Data Memory
The AT89C51RC has internal data memory that is mapped into four separate segments:
the lower 128 bytes of RAM, upper 128 bytes of RAM, 128 bytes special function regis-
ter (SFR) and 256 bytes expanded RAM (ERAM).
The four segments are:
1.
The Lower 128 bytes of RAM (addresses 00H to 7FH) are directly and indirectly
addressable.
2.
The Upper 128 bytes of RAM (addresses 80H to FFH) are indirectly addressable
only.
3.
The Special Function Registers, SFRs, (addresses 80H to FFH) are directly
addressable only.
4.
The 256-byte expanded RAM (ERAM, 00H-FFH) is indirectly accessed by MOVX
instructions, and with the EXTRAM bit cleared.
The Lower 128 bytes can be accessed by either direct or indirect addressing. The Upper
128 bytes can be accessed by indirect addressing only. The Upper 128 bytes occupy
the same address space as the SFR. This means they have the same address, but are
physically separate from the SFR space.
When an instruction accesses an internal location above address 7FH, the CPU knows
whether the access is to the upper 128 bytes of data RAM or to SFR space by the
addressing mode used in the instruction. Instructions that use direct addressing access
SFR space. For example:
MOV 0A0H, # data
Table 3b. AUXR1: Auxiliary Register 1
AUXR1
Address = A2H
Reset Value = XXXXXXX0B
Not Bit Addressable
––
–
–
–
–
–
DPS
Bit
7
6
5
4
3
2
1
0
–
Reserved for future expansion
DPS
Data Pointer Register Select
DPS
0
Selects DPTR Registers DP0L, DP0H
1
Selects DPTR Registers DP1L, DP1H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com