Electronic Components Datasheet Search
  English  ▼

X  

AS3844D813 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AS3844D813
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3844D813 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AS3844D813 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS3844D813 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS3844D813 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS3844D813 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS3844D813 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS3844D813 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS3844D813 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS3844D813 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS3844D813 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
ASTEC Semiconductor
(2)
(3)
(4)
where f
osc is the oscillator frequency, D is the
maximum duty ratio, V
H is the oscillatorÕs upper
trip point, V
L is the lower trip point, VR is the Ref-
erence voltage, I
D is the discharge current.
Table 1 lists some common values of R
T and the
corresponding maximum duty ratio. To select the
timing components; first, use Table 1 or equation
(2) to determine the value of R
T that will yield the
desired maximum duty ratio. Then, use equation
(1) to calculate the value of C
T. For example, for
a switching frequency of 250 kHz and a maxi-
mum duty ratio of 50%, the value of R
T, from
Table 1, is 683 ½. Applying this value to equation
(1) and solving for C
T gives a value of 4700 pF. In
practice, some fine tuning of the initial values
may be necessary during design. However, due
to the advanced design of the AS3842 oscillator,
once the final values are determined, they will
yield repeatable results, thus eliminating the
need for additional trimming of the timing compo-
nents during manufacturing.
1.3.2 Oscillator enhancements
The AS3842 oscillator is trimmed to provide
guaranteed duty ratio clamping. This means that
the discharge current (I
D ) is trimmed to a value
that compensates for all of the tolerances within
the device (such as the tolerances of V
REG, prop-
agation delays, the oscillator trip points, etc.)
which have an effect on the frequency and max-
imum duty ratio. For example, if the combined
tolerances of a particular device are 0.5% above
nominal, then I
D is trimmed to 0.5% above nomi-
nal. This method of trimming virtually eliminates
the need to trim external oscillator components
during power supply manufacturing. Standard
3842 devices specify or trim only for a specific
value of discharge current. This makes precise
AS384x
Current Mode Controller
Table 1. R
T vs Maximum Duty Ratio
R
T (½)
Dmax
470
22%
560
37%
683
50%
750
54%
820
58%
910
63%
1,000
66%
1,200
72%
1,500
77%
1,800
81%
2,200
85%
2,700
88%
3,300
90%
3,900
91%
4,700
93%
5,600
94%
6,800
95%
8,200
96%
10,000
97%
18,000
98%
R
V
I
T
REG
D
=
¥
(KL) D
1ÐD
Ð (KH) D
1ÐD
(KL) D
1
Ð (KH) D
1
K
V
H
REG
=
−
≈
V
V
H
H
0.432
(
K
V
L
REG
=
−
≈
V
V
L
REG
0.736
D
D
=
−
1ÐD
1ÐD
582 ¥
(0.432)
(0.736)
D
D
−
1
1
(0.432)
(0.736)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com