Electronic Components Datasheet Search
  English  ▼

X  

DCN Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # DCN
Description  Very fast charge/discharge ??High power density ??IEC 62391
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

DCN Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  DCN Datasheet HTML 1Page - Illinois Capacitor, Inc. DCN Datasheet HTML 2Page - Illinois Capacitor, Inc. DCN Datasheet HTML 3Page - Illinois Capacitor, Inc. DCN Datasheet HTML 4Page - Illinois Capacitor, Inc. DCN Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Capacitance = 500F to 650F
5.5 Volt units
Capacitance
(F)
Dims
(LxHxT)
(mm)
+1.0mm
Lead spacing
S
(mm)
+/-0.5mm
Lead
diameter
d
(mm)
1
17x19.5x9
12.3
0.6
1.5
17.5x23.5x9
10.5
0.6
2
21.5X23.5X11
10.5
0.6
2.5
21.5X23.5X11
10.5
0.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com