Electronic Components Datasheet Search
  English  ▼

X  

MAB Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # MAB
Description  Small size ??Good dvdt ??EN60252-1 rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

MAB Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  MAB Datasheet HTML 1Page - Illinois Capacitor, Inc. MAB Datasheet HTML 2Page - Illinois Capacitor, Inc. MAB Datasheet HTML 3Page - Illinois Capacitor, Inc. MAB Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MAB
Radial leaded box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims LxHxT (mm)
S (MM)
d (MM)
3.15
500
315MABA03KI#
40
39.5x26x15
35
0.8
3.3
370
335MABA04KH#
40
32x22x13
27.5
0.8
3.3
500
335MABA03KH#
50
32x24.5x15
27.5
0.8
3.3
500
335MABA03KI#
40
39.5x26x15
35
0.8
3.3
600
335MABA02KH#
70
32x33x18
27.5
0.8
3.3
600
335MABA02KJ#
50
42.5x28x17
37.5
1
3.3
600
335MABA02KI#
50
39.5x26x15
35
0.8
3.3
800
335MABA01KJ#
65
42.5x30x22
37.5
1
3.3
1200 335MABA05KJ#
90
42.5x45x30
37.5
1
3.5
370
355MABA04KH#
40
32x22x13
27.5
0.8
3.5
500
355MABA03KH#
50
32x24.5x15
27.5
0.8
3.5
500
355MABA03KI#
40
39.5x26x15
35
0.8
3.5
600
355MABA02KH#
70
32x33x18
27.5
0.8
3.5
600
355MABA02KJ#
50
42.5x28x17
37.5
1
3.5
800
355MABA01KJ#
65
42.5x33.5x22
37.5
1
3.5
1200 355MABA05KJ#
90
42.5x45x30
37.5
1
4
370
405MABA04KH#
40
32x22x13
27.5
0.8
4
500
405MABA03KI#
40
39.5x26x15
35
0.8
4
500
405MABA03KH#
50
32x33x18
27.5
0.8
4
600
405MABA02KH#
70
32x33x18
27.5
0.8
4
600
405MABA02KJ#
50
42.5x28x17
37.5
1
4
800
405MABA01KJ#
65
42.5x33.5x22
37.5
1
4.5
370
455MABA04KH#
40
32x24.5x15
27.5
0.8
4.5
500
455MABA03KH#
50
32x33x18
27.5
0.8
4.5
500
455MABA03KJ#
35
42.5x28x17
37.5
1
4.5
600
455MABA02KJ#
50
42.5x30x22
37.5
1
4.5
800
455MABA01KJ#
65
42.5x33.5x22
37.5
1
4.7
370
475MABA04KH#
40
32x28x14
27.5
0.8
4.7
500
475MABA03KH#
50
32x33x18
27.5
0.8
4.7
500
475MABA03KJ#
35
42.5x28x17
37.5
1
4.7
600
475MABA02KJ#
50
42.5x30x22
37.5
1
4.7
800
475MABA01KJ#
65
42.5x37x28
37.5
1
5
370
505MABA04KH#
40
32x28x14
27.5
0.8
5
500
505MABA03KH#
50
32x33x18
27.5
0.8
5
500
505MABA03KJ#
35
42.5x28x17
37.5
1
5
600
505MABA02KJ#
50
42.5x30x22
37.5
1
5
800
505MABA01KJ#
65
42.5x37x28
37.5
1
5.5
800
555MABA01KJ#
65
42.5x37x28
37.5
1
6
370
605MABA04KH#
40
32x33x18
27.5
0.8
6
370
605MABA04KI#
30
39.5x26x15
35
0.8
6
500
605MABA03KJ#
35
42.5x28x17
37.5
1
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims LxHxT (mm)
S (MM)
d (MM)
6
600
605MABA02KJ#
50
42.5x30x22
37.5
1
6
800
605MABA01KJ#
65
42.5x37x28
37.5
1
6.3
600
635MABA02KJ#
50
42.5x30x22
37.5
1
6.3
800
635MABA01KJ#
65
42.5x37x28
37.5
1
6.5
500
655MABA03KJ#
35
42.5x28x17
37.5
1
6.8
370
685MABA04KJ#
25
42.5x28x17
37.5
1
6.8
370
685MABA04KH#
40
32x33x18
27.5
0.8
6.8
370
685MABA04KI#
30
39.5x26x15
35
0.8
6.8
600
685MABA02KJ#
50
42.5x33.5x22
37.5
1
7
370
705MABA04KJ#
25
42.5x28x17
37.5
1
7
370
705MABA04KH#
40
32x33x18
27.5
0.8
7
370
705MABA04KI#
30
39.5x26x15
35
0.8
7
800
705MABA01KJ#
65
42.5x45x30
37.5
1
8
370
805MABA04KH#
40
32x33x18
27.5
0.8
8
370
805MABA04KJ#
25
42.5x28x17
37.5
1
8
500
805MABA03KJ#
35
42.5x30x22
37.5
1
8
600
805MABA02KJ#
50
42.5x33.5x22
37.5
1
8
800
805MABA01KJ#
65
42.5x45x30
37.5
1
8.5
800
855MABA01KJ#
65
42.5x45x30
37.5
1
10
370
106MABA04KJ#
25
42.5x28x17
37.5
1
10
500
106MABA03KJ#
35
42.5x30x22
37.5
1
10
600
106MABA02KJ#
50
42.5x37x28
37.5
1
11
600
116MABA02KJ#
50
42.5x45x30
37.5
1
12
370
126MABA04KJ#
25
42.5x30x22
37.5
1
12
500
126MABA03KJ#
35
42.5x37x28
37.5
1
12
600
126MABA02KJ#
50
42.5x45x30
37.5
1
13
600
136MABA02KJ#
50
42.5x45x30
37.5
1
14
600
146MABA02KJ#
50
42.5x45x30
37.5
1
15
370
156MABA04KJ#
25
42.5x30x22
37.5
1
15
500
156MABA03KJ#
35
42.5x37x28
37.5
1
15
600
156MABA02KJ#
50
42.5x45x30
37.5
1
18
370
186MABA04KJ#
25
42.5x37x28
37.5
1
18
500
186MABA03KJ#
35
42.5x45x30
37.5
1
20
370
206MABA04KJ#
25
42.5x37x28
37.5
1
20
500
206MABA03KJ#
35
42.5x45x30
37.5
1
22
370
226MABA04KJ#
25
42.5x37x28
37.5
1
22
500
226MABA03KJ#
35
42.5x45x30
37.5
1
25
370
256MABA04KJ#
25
42.5x37x28
37.5
1
27
370
276MABA04KJ#
25
42.5x45x30
37.5
1
30
370
306MABA04KJ#
25
42.5x45x30
37.5
1
33
370
336MABA04KJ#
25
42.5x45x30
37.5
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com