Electronic Components Datasheet Search
  English  ▼

X  

MPR Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # MPR
Description  Small size ??Low ESR ??Good Pulse Capabilities ??Stable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

MPR Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  MPR Datasheet HTML 1Page - Illinois Capacitor, Inc. MPR Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size – Low ESR – Good Pulse Capabilities – Stable
with Frequency and Temperature
APPLICATIONS
General Purpose – Switching Power Supplies – Blocking –
Coupling – AC Applications ( Not across the Line)
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
100
250
400
630
1000
VAC
63
200
220
250
300
Peak, AC voltage (50/60 Hz)
For T>+85°C , The voltage must be decreased by 1.5% per °C
Frequency
(kHz)
C<0.1uF
0.1uF<C<1uF
1uF<C<3uF
3uF<C<5uF
C>5uF
1
0.1%
0.1%
0.1%
0.1%
0.1%
Dissipation Factor (MAX)
25°C
100
0.4%
0.7%
1.2%
1.8%
2.8%
Capacitance
Insulation
Resistance
<0.33
μF
30000 MΩ
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
>0.33
μF
10000 MΩxμF
2000 Hours, +85C with 125% of rated voltage
Capacitance Change
<3% of initially measured value
Dissipation Factor
<0.001 at 1kHz and 25°C
Load Life
Insulation Resistance
>50% of maximum specified value
56 days at40°C with 90 to 95%RH, +40°C and no voltage applied
Capacitance Change
<3% of initially measured value
Dissipation Factor
<0.001 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<0.5% after 2 years at 40°C
Capacitance Temperature
Coefficient
-200 ppm/°C, +100ppm/°C
Terminal to Terminal
Dielectric Strength
200% of rated VDC or VAC applied for 10 Seconds and 25°C
Dielectric
Polypropylene
Construction
Metallized film
Coating
Flame Retardant epoxy resin (UL94V0)
Leads
Lead free tinned copper leads
L MAX
12
18.5
26
31
S+1.0
10
15
22.5
27.5
G MAX
1.5
1.5
1.5
1.5
d +0.05
0.6
0.8
0.8
0.8


Similar Part No. - MPR

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
Metal Plate Resistor Cement Type
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
logo
TE Connectivity Ltd
MPR TEC-MPR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
IDEM Safety Switches
MPR IDEM-SAFETY-MPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
More results

Similar Description - MPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS6121A ETC1-TS6121A Datasheet
343Kb / 4P
10/100 BASE PULSE TRANSFORMERS (SMD) SMALL SIZE
logo
Illinois Capacitor, Inc...
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
Small size ??Good dvdt ??EN60252-1 rated
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
Small size ??Good dvdt ??Medium current
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
Self Healing ??Small Size ??Low ESR
MWR ILLINOISCAPACITOR-MWR Datasheet
261Kb / 3P
Small size ??Low ESR - General purpose
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
High dvdt ??Good Pulse Current ??Stable with temperature
ULG ILLINOISCAPACITOR-ULG Datasheet
149Kb / 2P
Small size - High ripple current ??super low ESR
187AVG063MGBJ ILLINOISCAPACITOR-187AVG063MGBJ Datasheet
312Kb / 2P
Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
686AVG035MFF ILLINOISCAPACITOR-686AVG035MFF Datasheet
312Kb / 2P
Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com