Electronic Components Datasheet Search
  English  ▼

X  

PPS Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # PPS
Description  High dvdt ??Good Pulse Current ??Stable with temperature
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

PPS Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  PPS Datasheet HTML 1Page - Illinois Capacitor, Inc. PPS Datasheet HTML 2Page - Illinois Capacitor, Inc. PPS Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PPS
High Voltage, high dvdt Axial
Lead
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
0.0068
3000
682PPS302KG
1500
1
75
12x29
0.01
1500
103PPS252KG
1050
1.5
58
11.5x29
0.01
3000
103PPS302KG
1500
1.5
56
14x29
0.01
3000
103PPS302K
1200
1.5
68
11.5x34
0.015
2500
153PPS252KG
1050
2
42
13x29
0.015
3000
153PPS302KG
1500
2.5
39
16x29
0.015
3000
153PPS302K
1200
2
43
14x34
0.022
2000
223PPS202KG
810
2.5
33
12x29
0.022
2500
223PPS252KG
1050
2.5
30.5
15x29
0.022
3000
223PPS302K
1200
3
31.5
15.5x34
0.033
1500
333PPS152KG
610
2.5
26
11.5x29
0.033
2000
333PPS202K
635
3
24.5
13x34
0.033
2500
333PPS252K
870
3
26
13.5x34
0.033
2500
333PPS252KG
1050
3.5
22.5
17.5x29
0.033
3000
333PPS302K
1200
4
22
18x34
0.047
1200
473PPS122KG
480
2.5
20.5
11x29
0.047
1500
473PPS152KG
610
3
19.5
13x29
0.047
2000
473PPS202KG
810
3.5
18.5
15.5x29
0.047
2000
473PPS202K
650
3
20.5
13x34
0.047
2500
473PPS252K
870
4
19.1
15.5x34
0.047
3000
473PPS302K
1200
5
16
21x34
0.068
1000
683PPS102KG
425
3
16.7
11.5x29
0.068
1200
683PPS122KG
480
3
15.8
12.5x29
0.068
1500
683PPS152KG
610
3.5
14.5
14.5x29
0.068
1500
683PPS152KJ
490
3.5
16.1
12.5x34
0.068
2000
683PPS202KG
810
4.5
13.8
17.5x29
0.068
2000
683PPS202K
650
4
15
15x34
0.068
2500
683PPS252K
870
5
14.5
18x34
0.068
3000 683PPS302KD20
750
6
15
20x46
0.068
3000
683PPS302K
1200
7
12
25x34
0.1
850
104PPS850KG
375
3.5
12.9
11.5x29
0.1
1000
104PPS102KG
425
3.5
12.4
13x29
0.1
1200
104PPS122KG
480
4.5
12
14.5x29
0.1
1200
104PPS122KJ
390
4
13.5
12.5x34
0.1
1500
104PPS152KG
610
5
10.9
17.5x29
0.1
1500
104PPS152K
490
4.5
12
14.5x34
0.1
2000
104PPS202K
650
5.5
11.6
17.5x34
0.1
2500
104PPS252K
870
7
11
22x34
0.1
2500 104PPS252KD17
550
6
14.2
17.5x46
0.1
3000
104PPS302K
750
7.5
11
23.5x46
0.15
700
154PPS700KG
235
3.5
11
11.5x29
0.15
850
154PPS850KG
375
4.5
9.8
13x29
0.15
850
154PPS850K
300
4.5
10.8
12x34
0.15
1000
154PPS102KG
425
5
9.3
15x29
0.15
1000
154PPS102KJ
340
4.5
10.3
13x34
0.15
1200
154PPS122KG
485
5.5
8.8
17x29
0.15
1200
154PPS122K
390
5
9.8
14.5x34
0.15
1500
154PPS152K
490
6
8.7
17.5x34
0.15
2000 154PPS202KD17
410
6.5
10
17.5x46
0.15
2000
154PPS202K
650
7.5
8.2
21.5x34
0.15
2500
154PPS252K
870
8.5
7.6
26x34
0.15
2500 154PPS252KD21
550
7.5
9.3
21.5x46
0.15
3000
154PPS302K
750
10
8
28.5x46
0.22
700
224PPS700KG
235
4.5
8.7
13x29
0.22
850
224PPS850KG
375
5.5
7.7
15x29
0.22
850
224PPS850K
300
5.5
8.4
13.5x34
0.22
1000
224PPS102K
340
5.5
7.7
15x34
0.22
1000
224PPS102KG
425
6.5
7
17x29
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
0.22
1200
224PPS122K
390
6.5
7.1
17x34
0.22
1500
224PPS152K
490
8
6.5
20.5x34
0.22
1500 224PPS152KD17
320
7.5
8.5
17x46
0.22
2000
224PPS202K
650
9.5
5.7
25.5x34
0.22
2000 224PPS202KD21
410
9
7.2
21x46
0.22
2500
224PPS252K
550
10
6.8
25x46
0.22
3000 224PPS302KD29
500
12
6.8
29x55
0.22
3000
224PPS302K
750
13
6
34x46
0.22
3000
224PPS302KS
370
11
7.7
27.5x55
0.33
700
334PPS700KG
235
5.5
6.7
15x29
0.33
700
334PPS700KJ
185
5.5
7.4
13x34
0.33
850
334PPS850KG
375
7
5.9
17.5x29
0.33
850
334PPS850K
300
7
6.6
16x34
0.33
1000
334PPS102K
340
7.5
5.8
17.5x34
0.33
1200
334PPS122K
390
8.5
5.3
20.5x34
0.33
1200 334PPS122KD17
255
8
6.7
17x46
0.33
1500 334PPS152KD20
320
9
6.4
20.5x46
0.33
1500
334PPS152K
490
10
4.8
24.5x34
0.33
2000
334PPS202K
410
11.5
5.5
25x46
0.33
2500
334PPS252K
550
13
5.2
30x46
0.33
2500 334PPS252KD26
375
12
6.3
26x55
0.33
2500
334PPS252KS
280
11
7.3
25x59
0.33
3000
334PPS302K
500
14
5.5
34x55
0.33
3000
334PPS302KS
370
14
6.2
32.5x59
0.47
700
474PPS700K
185
6.5
5.9
15x34
0.47
700
474PPS700KG
235
7
5.3
17.5x29
0.47
850
474PPS850K
300
9
5.4
18.5x34
0.47
1000
474PPS102K
340
9.5
4.6
21x34
0.47
1000 474PPS102KD17
225
9
5.8
17.5x46
0.47
1200
474PPS122K
390
10.5
3.7
23.5x34
0.47
1200 474PPS122KD20
255
9.5
5.6
20x46
0.47
1500
474PPS152K
320
11.5
5.1
24x46
0.47
2000
474PPS202K
410
13.5
4.5
29x46
0.47
2500 474PPS252KD30
375
14
5.1
30.5x55
0.47
2500
474PPS252K
550
14
4.2
35.5x46
0.47
2500
474PPS252KS
280
13.5
5.8
29.5x59
0.47
3000
474PPS302KS
370
14
5.5
39x59
0.47
3000
474PPS302K
500
14
4.9
41x55
0.56
3000
564PPS302KS
370
14
5.1
42x59
0.68
700
684PPS700K
185
8
4.9
17.5x34
0.68
850
684PPS850K
300
10
4.3
21.5x34
0.68
850
684PPS850KD18
200
9
5.4
18x46
0.68
1000
684PPS102K
340
10.5
3.8
24.5x34
0.68
1000 684PPS102KD20
225
10.5
4.9
20.5x46
0.68
1200
684PPS122K
255
10.5
4.9
23x46
0.68
1500
684PPS152K
320
13.5
4.4
28x46
0.68
2000 684PPS202KD30
300
14
4.7
30x55
0.68
2000
684PPS202K
410
14
3.7
34.5x46
0.68
2000
684PPS202KR
300
14
4.7
30x55
0.68
2000
684PPS202KS
225
14
5.4
28.5x59
0.68
2500
684PPS252KS
280
14
4.8
35x59
0.68
2500
684PPS252K
375
14
4.2
36.5x55
0.82
2500
824PPS252K
375
14
3.7
40x55
0.82
2500
824PPS252KS
280
14
4.2
38.5x59
1
700
105PPS700K
185
10
4.1
21x34
1
700
105PPS700KD17
130
10
4.8
17.5x46
1
850
105PPS850KD21
200
10.5
4.3
21.5x46
1
850
105PPS850K
300
13
3.3
26x34



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com