Electronic Components Datasheet Search
  English  ▼

X  

QPC Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # QPC
Description  Small size - High voltage ??High Capacitance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

QPC Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  QPC Datasheet HTML 1Page - Illinois Capacitor, Inc. QPC Datasheet HTML 2Page - Illinois Capacitor, Inc. QPC Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Small size - High voltage – High Capacitance
APPLICATIONS
Motor Run
Operating Temperature Range
-25°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
AC Voltage
70°C
250
275
300
350
370
400
450
85°C
200
220
250
280
320
320
360
Maximum Over voltage
110% of rated VAC
Dissipation Factor (MAX)
Tan δ
at 1 kHz and 25°C
1.0%
Insulation Resistance
Terminal to Terminal
Terminal to Case
1000 MΩxuF
After 1 minute of 100VDC
applied between the terminals at
25°C
2000 MΩxuF
After 1 minute of 100VDC applied
between the terminals at 25°C
Self Inductance
<1 nano-Henry per mm of lead spacing and lead length
Long Term Stability
Capacitance variation <1% MAX after 2 years
Dielectric Strength
Terminal to Terminal
Terminal to Case
175% of VAC applied for 60
Seconds and 25°C
200% of VAC+1000VAC or
2KVAC at 50/60 Hz applied
between the terminals and case for
60 Seconds and 25°C, whichever
is greater
Agency certifications
UL – E144575
C22.2 No. 190-M1985
Terminations


Similar Part No. - QPC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
QPC02SXGN-RC AD-QPC02SXGN-RC Datasheet
2Mb / 24P
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
logo
TriQuint Semiconductor
QPC1005 TRIQUINT-QPC1005 Datasheet
867Kb / 16P
0.15 ??2.8 GHz High Power GaN SPDT Switch
logo
Qorvo, Inc
QPC1005 QORVO-QPC1005 Datasheet
723Kb / 15P
0.15 – 2.8 GHz 50 W GaN SPDT Switch
July 15, 2019
logo
TriQuint Semiconductor
QPC1006 TRIQUINT-QPC1006 Datasheet
827Kb / 17P
0.15 ??2.8 GHz High Power GaN SP3T Switch
logo
Qorvo, Inc
QPC1006 QORVO-QPC1006 Datasheet
724Kb / 16P
0.15 – 2.8 GHz High Power GaN SP3T Switch
Rev B. July 16, 2019
More results

Similar Description - QPC

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
Small size - High voltage - General purpose
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
Small size - High voltage - General purpose
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
Small size - High voltage ??High Capacitance
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
Small size - High voltage ??High Capacitance
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
Small Size - High Voltage - General Purpose
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
Ultra High Capacitance, Small Case Size Options
SLPX CDE-SLPX Datasheet
376Kb / 9P
Small case size with high capacitance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com