Electronic Components Datasheet Search
  English  ▼

X  

LM1458H Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1458H
Description  Dual Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1458H Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1458H Datasheet HTML 1Page - National Semiconductor (TI) LM1458H Datasheet HTML 2Page - National Semiconductor (TI) LM1458H Datasheet HTML 3Page - National Semiconductor (TI) LM1458H Datasheet HTML 4Page - National Semiconductor (TI) LM1458H Datasheet HTML 5Page - National Semiconductor (TI) LM1458H Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 5)
Supply Voltage
LM1558
±22V
LM1458
±18V
Power Dissipation (Note 2)
LM1558H/LM1458H
500 mW
LM1458N
400 mW
Differential Input Voltage
±30V
Input Voltage (Note 3)
±15V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
LM1558
LM1458
−55˚C to +125˚C
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
ESD tolerance (Note 6)
300V
Electrical Characteristics (Note 4)
Parameter
Conditions
LM1558
LM1458
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
T
A = 25˚C, RS ≤ 10 kΩ
1.0
5.0
1.0
6.0
mV
Input Offset Current
T
A = 25˚C
80
200
80
200
nA
Input Bias Current
T
A = 25˚C
200
500
200
500
nA
Input Resistance
T
A = 25˚C
0.3
1.0
0.3
1.0
M
Ω
Supply Current Both
T
A = 25˚C, VS = ±15V
3.0
5.0
3.0
5.6
mA
Amplifiers
Large Signal Voltage Gain
T
A = 25˚C, VS = ±15V
50
160
20
160
V/mV
V
OUT = ±10V, RL ≥ 2kΩ
Input Offset Voltage
R
S ≤ 10 kΩ
6.0
7.5
mV
Input Offset Current
500
300
nA
Input Bias Current
1.5
0.8
µA
Large Signal Voltage Gain
V
S = ±15V, VOUT = ±10V
25
15
V/mV
R
L ≥ kΩ
Output Voltage Swing
V
S = ±15V, RL = 10 kΩ
±12
±14
±12
±14
V
R
L = 2kΩ
±10
±13
±10
±13
V
Input Voltage Range
V
S = ±15V
±12
±12
V
Common Mode
R
S ≤ 10 kΩ
70
90
70
90
dB
Rejection Ratio
Supply Voltage
R
S ≤ 10 kΩ
77
96
77
96
dB
Rejection Ratio
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: The maximum junction temperature of the LM1558 is 150˚C, while that of the LM1458 is 100˚C. For operating at elevated temperatures, devices in the H08
package must be derated based on a thermal resistance of 150˚C/W, junction to ambient or 20˚C/W, junction to case. For the DIP the device must be derated based
on a thermal resistance of 187˚C/W, junction to ambient.
Note 3: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 4: These specifications apply for VS = ±15V and −55˚C ≤ TA ≤ 125˚C, unless otherwise specified. With the LM1458, however, all specifications are limited to
0˚C
≤ TA ≤ 70˚C and VS = ±15V.
Note 5: Refer to RETS 1558V for LM1558J and LM1558H military specifications.
Note 6: Human body model, 1.5 k
Ω in series with 100 pF.
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com