Electronic Components Datasheet Search
  English  ▼

X  

CS8405 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8405
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8405 Datasheet HTML 6Page - Cirrus Logic CS8405 Datasheet HTML 7Page - Cirrus Logic CS8405 Datasheet HTML 8Page - Cirrus Logic CS8405 Datasheet HTML 9Page - Cirrus Logic CS8405 Datasheet HTML 10Page - Cirrus Logic CS8405 Datasheet HTML 11Page - Cirrus Logic CS8405 Datasheet HTML 12Page - Cirrus Logic CS8405 Datasheet HTML 13Page - Cirrus Logic CS8405 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS8405A
10
DS469PP4
3. GENERAL DESCRIPTION
The CS8405A is a monolithic CMOS device which
encodes and transmits audio data according to the
AES3, IEC60958, S/PDIF, and EIAJ CP1201 inter-
face standards. The CS8405A accepts audio, chan-
nel status and user data, which is then multiplexed,
encoded, and driven onto a cable.
The audio data is input through a configurable, 3-
wire input port. The channel status bits and user bit
data are input through an SPI or Two-Wire Mode
microcontroller port and may be assembled in sep-
arate block sized buffers.
For systems with no microcontroller, a stand alone
mode allows direct access to channel status and
user data input pins.
Target applications include CD-R, DAT, DVD,
MD and VTR equipment, mixing consoles, digital
audio transmission equipment, high quality A/D
converters, effects processors, set-top TV boxes,
and computer audio systems.
Figure 5 shows the supply and external connec-
tions to the CS8405A when configured for opera-
tion with a microcontroller.
3.1
AES3 and S/PDIF Standards
Documents
This data sheet assumes that the user is familiar
with the AES3 and S/PDIF data formats. It is advis-
able to have current copies of the AES3 and
IEC60958 specifications on hand for easy refer-
ence.
The latest AES3 standard is available from the Au-
dio Engineering Society or ANSI at www.aes.org
or www.ansi.org. Obtain the latest IEC60958 stan-
dard from ANSI or from the International Electro-
technical Commission at www.iec.ch. The latest
EIAJ CP-1201 standard is available from the Japa-
nese Electronics Bureau.
Crystal Application Note 22: Overview of Digital
Audio Interface Data Structures contains a useful
tutorial on digital audio specifications, but it should
not be considered a substitute for the standards.
The paper An Understanding and Implementation
of the SCMS Serial Copy Management System for
Digital Audio Transmission, by Clifton Sanchez, is
an excellent tutorial on SCMS. It is available from
the AES as preprint 3518.
4. THREE-WIRE SERIAL INPUT AUDIO
PORT
A 3-wire serial audio input port is provided. The in-
terface format can be adjusted to suit the attached
device through the control registers. The following
parameters are adjustable:
•
Masterorslave
•
Serial clock frequency
•
Audio data resolution
•
Left or right justification of the data relative to
left/right clock
•
Optional one-bit cell delay of the first data bit
•
Polarity of the bit clock
•
Polarity of the left/right clock. (By setting the
appropriate control bits, many formats are pos-
sible).
Figure 6 shows a selection of common input for-
mats with the corresponding control bit settings.
In master mode, the left/right clock and the serial
bit clock are outputs, derived from the OMCK in-
put pin master clock.
In slave mode, the left/right clock and the serial bit
clock are inputs. The left/right clock must be syn-
chronous to the OMCK master clock, but the serial
bit clock can be asynchronous and discontinuous if
required. The left/right clock should be continuous,
but the duty cycle can be less than the specified typ-
ical value of 50% if enough serial clocks are
present in each phase to clock all the data bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com