Electronic Components Datasheet Search
  English  ▼

X  

BDX65B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDX65B
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX65B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDX65B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX65B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Darlington Power Transistor
BDX65/A/B/C
DESCRIPTION
·
Collector Current -IC= 12A
·
High DC Current Gain-hFE= 1000(Min)@ IC= 5A
·
Complement to Type BDX64/A/B/C
APPLICATIONS
·
Designed for audio output stages and general amplifier
and switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base
Voltage
BDX65
80
V
BDX65A
100
BDX65B
120
BDX65C
140
VCEO
Collector-Emitter
Voltage
BDX65
60
V
BDX65A
80
BDX65B
100
BDX65C
120
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
12
A
ICM
Collector Current-Peak
16
A
IB
Base Current-Continuous
0.2
A
PC
Collector Power Dissipation
@ TC=25℃
117
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-55~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.5
℃
/W


Similar Part No. - BDX65B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX65B ETC-BDX65B Datasheet
167Kb / 4P
NPN SILICON DARLINGTONS
logo
Seme LAB
BDX65B SEME-LAB-BDX65B Datasheet
12Kb / 1P
Bipolar NPN Device
logo
Savantic, Inc.
BDX65B SAVANTIC-BDX65B Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX65B COMSET-BDX65B Datasheet
161Kb / 4P
NPN SILICON DARLINGTONS
BDX65B COMSET-BDX65B Datasheet
82Kb / 4P
NPN SILICON DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX65B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com