Electronic Components Datasheet Search
  English  ▼

X  

BUJ303A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUJ303A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUJ303A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUJ303A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUJ303A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUJ303A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=50mA; IB= 0
500
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.6A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 3A; IB= 0.6A
1.3
V
ICES
Collector Cutoff Current
VCE=RatedVCES ;VBE= 0
VCE=RatedVCES ;VBE= 0;TC=125℃
1
2
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
0.1
mA
ICEO
Base Cutoff Current
VCE= 500V; IC= 0
0.1
mA
hFE-1
DC Current Gain
IC= 5mA ; VCE= 5V
10
35
hFE-2
DC Current Gain
IC= 0.5A ; VCE= 5V
14
35
Switching Times ;Resistive Load
ton
Turn-on Time
IC= 2.5A; IB1= -IB2= 0.5A;
RL= 75Ω; VBB2= 4V
0.7
μ
s
ts
Storage Time
4.0
μ
s
tf
Fall Time
0.45
μ
s
Switching Times ;Resistive Load
ts
Storage Time
IC= 2.5A; IB1= -IB2= 0.5A;
LB=1uH; -VBB= 5V
1.6
μ
s
tf
Fall Time
160
ns
Switching Times ;Resistive Load
ts
Storage Time
IC= 2.5A; IB1= -IB2= 0.5A;
LB=1uH; -VBB= 5V ;Tj=100℃
1.9
μ
s
tf
Fall Time
200
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com