Electronic Components Datasheet Search
  English  ▼

X  

LM2575T-12 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2575T-12
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575T-12 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2575T-12 Datasheet HTML 18Page - National Semiconductor (TI) LM2575T-12 Datasheet HTML 19Page - National Semiconductor (TI) LM2575T-12 Datasheet HTML 20Page - National Semiconductor (TI) LM2575T-12 Datasheet HTML 21Page - National Semiconductor (TI) LM2575T-12 Datasheet HTML 22Page - National Semiconductor (TI) LM2575T-12 Datasheet HTML 23Page - National Semiconductor (TI) LM2575T-12 Datasheet HTML 24Page - National Semiconductor (TI) LM2575T-12 Datasheet HTML 25Page - National Semiconductor (TI) LM2575T-12 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Additional Applications (Continued)
Definition of Terms
BUCK REGULATOR
A switching regulator topology in which a higher voltage is
converted to a lower voltage. Also known as a step-down
switching regulator.
BUCK-BOOST REGULATOR
A switching regulator topology in which a positive voltage is
converted to a negative voltage without a transformer.
DUTY CYCLE (D)
Ratio of the output switch’s on-time to the oscillator period.
CATCH DIODE OR CURRENT STEERING DIODE
The diode which provides a return path for the load current
when the LM2575 switch is OFF.
EFFICIENCY (
η)
The proportion of input power actually delivered to the load.
CAPACITOR EQUIVALENT SERIES RESISTANCE (ESR)
The purely resistive component of a real capacitor’s imped-
ance (see Figure 16). It causes power loss resulting in
capacitor heating, which directly affects the capacitor’s op-
erating lifetime. When used as a switching regulator output
filter, higher ESR values result in higher output ripple volt-
ages.
Most standard aluminum electrolytic capacitors in the
100 µF–1000 µF range have 0.5
Ω to 0.1Ω ESR. Higher-
grade capacitors (“low-ESR”, “high-frequency”, or “low-
inductance”’) in the 100 µF–1000 µF range generally have
ESR of less than 0.15
Ω.
EQUIVALENT SERIES INDUCTANCE (ESL)
The pure inductance component of a capacitor (see Figure
16). The amount of inductance is determined to a large
extent on the capacitor’s construction. In a buck regulator,
this unwanted inductance causes voltage spikes to appear
on the output.
OUTPUT RIPPLE VOLTAGE
The AC component of the switching regulator’s output volt-
age. It is usually dominated by the output capacitor’s ESR
multiplied by the inductor’s ripple current (
∆I
IND). The peak-
to-peak value of this sawtooth ripple current can be deter-
mined by reading the Inductor Ripple Current section of the
Application hints.
CAPACITOR RIPPLE CURRENT
RMS value of the maximum allowable alternating current at
which a capacitor can be operated continuously at a speci-
fied temperature.
STANDBY QUIESCENT CURRENT (I
STBY)
Supply current required by the LM2575 when in the standby
mode (ON /OFF pin is driven to TTL-high voltage, thus
turning the output switch OFF).
INDUCTOR RIPPLE CURRENT (
∆I
IND)
The peak-to-peak value of the inductor current waveform,
typically a sawtooth waveform when the regulator is operat-
ing in the continuous mode (vs. discontinuous mode).
01147520
Note: Pin numbers are for the TO-220 package.
FIGURE 15. 1.2V to 55V Adjustable 1A Power Supply with Low Output Ripple
01147521
FIGURE 16. Simple Model of a Real Capacitor
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com