Electronic Components Datasheet Search
  English  ▼

X  

DIT4192 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4192
Description  192kHz Digital Audio Transmitter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIT4192 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DIT4192 Datasheet HTML 6Page - Texas Instruments DIT4192 Datasheet HTML 7Page - Texas Instruments DIT4192 Datasheet HTML 8Page - Texas Instruments DIT4192 Datasheet HTML 9Page - Texas Instruments DIT4192 Datasheet HTML 10Page - Texas Instruments DIT4192 Datasheet HTML 11Page - Texas Instruments DIT4192 Datasheet HTML 12Page - Texas Instruments DIT4192 Datasheet HTML 13Page - Texas Instruments DIT4192 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DIT4192
10
SBOS229B
www.ti.com
LINE DRIVER OUTPUTS
The DIT4192 includes a balanced line driver. The line driver
outputs are TX– (pin 17) and TX+ (pin 18). In Software mode,
the line driver input is taken from either the output of the on-
chip AES-3 encoder, or from an external AES-3 encoded
source input at RXP (pin 9). The input source is selected
using the BYPASS bit in control register 01H (defaults to the
on-chip AES-3 encoder). In Hardware mode, the line driver
source is always the on-chip AES-3 encoder.
The outputs of the line driver will follow the AES-3 encoded
data source in normal operation. During a hardware or
software reset, or when the device is in power-down mode,
the line driver outputs will be forced to ground. The outputs
can also be forced to ground at any time in Software mode
by setting the TXOFF bit to 1 in control register 01H.
CONTROL PORT OPERATION
(SOFTWARE MODE ONLY)
For Software mode operation, the DIT4192 includes a serial
control port, which is used to write and read control registers
and the channel status data buffer. Port signals include CS
(pin 5), CDIN (pin 4), CDOUT (pin 2), and CCLK (pin 3).
CS is the active low chip select. This signal must be driven
low in order to write or read control registers and the channel
status data buffer.
CDIN is the serial data input, while CDOUT serves as the
serial data output. The CDOUT pin is a tri-state output, which
is set to a high-impedance state when not performing a Read
operation, or when CS = 1.
CCLK is the data clock for the serial control interface. Data
is clocked in at CDIN on the rising edge of CCLK, while data
is clocked out at CDOUT on the falling edge of CCLK. Data
is clocked MSB first for both CDIN and CDOUT.
WRITE OPERATION
Figure 6 illustrates the write operation for the control port.
You may write one register or buffer address at a time, or use
the auto-increment capability built into the control port to
perform block writes. The register or buffer data is preceded
by a 16-bit header, with the first byte being used to configure
control port operation and set the starting register or buffer
address. The second byte of the header is comprised of
“don’t care” bits, which can be set to either 0 or 1 without
affecting port operation.
The first byte of the header contains two control bits, R/W
and STEP, followed by a 6-bit address. For write operations,
R/W = 0. The STEP bit determines the address step size for
the auto-increment operation. When STEP = 0, the address
is incremented by 1. When STEP = 1, the address is
incremented by 2. Incrementing by 1 is useful when writing
multiple control registers in sequence, or when writing both
left and right channel status data in sequence. Incrementing
by 2 is useful when writing just one channel of status data in
sequence.
The third byte contains the 8-bit data for the register or buffer
address pointed to by the first byte of the header. To write a
single address location, CS is brought high after the least
significant bit of the third byte is clocked into the port. For
auto increment mode, CS is kept low to write successive
register or buffer addresses.
FIGURE 6. Write Operation Format.
Byte 0
Byte 1
Byte 2
Byte 3
Byte N
Register or Buffer Data
Header
Set CS = 1 here to write one register or buffer location.
Keep CS = 0 to enable auto-increment mode.
CS
CDIN
CCLK
R/W STEP
A5
A4
A3
A2
A1
A0
MSB
LSB
BYTE 0:
BYTE DEFINITION
Auto-Increment Address Step Size: 0 = Increment Address by 1
1 = Increment Address by 2
Register or Buffer Address
Read/Write Control: Set to 1 for Read Operation
Byte 1: All 8 bits are Don’t Care. Set 0 or 1.
Bytes 2 through N: 8-Bit Register or Buffer data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com