Electronic Components Datasheet Search
  English  ▼

X  

DM9301 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DM9301
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DM9301 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
14
Final
Version: DM9301-DS-F02
May 8, 2000
Absolute Maximum Ratings*
Absolute Maximum Ratings ( 25
°°°°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
VCC
Max. Supply Voltage
--
7.0
V
Non-operating
VIN
DC Input Voltage (VIN)-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)-0.5
5.5
V
Tstg
Storage Temperature Rang (Tstg)
-65
+150
°C
PD
Power Dissipation (PD)
---
1
W
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
240
°C
ESD
ESD rating (Rzap=1.5K,Czap=100pF)
---
4000
V
Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVCC,AVCC
Supply Voltage
4.75
---
5.25
Tc
Case Temperature
0
85
°C
PD
(Power Dissipation)
100BASE-TX
---
200
mA
5V
*Comments
Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional
operation of this device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com