Electronic Components Datasheet Search
  English  ▼

X  

SML Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # SML
Description  Small size ??Low cost
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

SML Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  SML Datasheet HTML 1Page - Illinois Capacitor, Inc. SML Datasheet HTML 2Page - Illinois Capacitor, Inc. SML Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Small size – Low cost
APPLICATIONS
Filtering – Bypass – Coupling – Blocking
Operating Temperature Range
-40°C to +85°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge voltage
WVDC
4
6.3
10
16
25
35
50
63
100
SVDC
5.2
7.9
13
20
32
44
63
79
125
Dissipation Factor
WVDC
4
6.3
10
16
25
35
50
63
100
tan δ
.35
.28
.24
.2
.14
.14
.12
.12
.1
Leakage current
2 Minutes
.01CV or 3uA,Whichever is greater
Low temperature
stability
Impedance ratio
(120 Hz)
Rated WVDC
4
6.3
10
16
25
35
50
63
100
-25°C to
+20°C
D<8
7
4
3
2
2
2
2
2
2
D>8
7
5
4
3
2
2
2
2
2
-40°C to
+20°C
D<8
15
8
6
4
4
3
3
3
3
D>8
15
10
8
6
4
3
3
3
3
Load Life
2000 hours at 85°C with rated WVDC applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Resistance to soldering heat
Capacitors placed on a 250C hot plate for 30 seconds with their electrode terminations
facing downward will fulfill the following conditions after being cooled to room
temperature
Capacitance change
<10% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
Temperature (°C)
50
120
400
1k
10k
100k
85
70
65
0.7
1.0
1.17 1.36
1.5
1.5
1.0
1.35
1.35
D
L
W+0.2
H+0.2
C+0.2
R
LL+0.2
S+0.2
4
5.4 +/-0.2
4.3
4.3
5.0
0.5~0.8
1.8
1.0
5
5.4 +/-0.2
5.3
5.3
6.0
0.5~0.8
2.1
1.4
6.3
5.4 +/-0.2
6.6
6.6
7.3
0.5~0.8
2.4
2.2
6.3
5.8 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
6.3
7.7 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
8
6.2 +/-0.5
8.3
8.3
9.0
0.7~1.0
2.4
3.2
8
10.5+/-05
8.3
8.3
9.0
0.7~1.0
2.8
3.2
10
10.5+/-0.5
10
10
11.0
0.7~1.0
3.2
4.6


Similar Part No. - SML

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SML MICROSEMI-SML Datasheet
138Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
M-System Co.,Ltd.
SML MSYSTEM-SML Datasheet
362Kb / 17P
Single Loop Controller Series
logo
Visual Communications C...
SML 190 VCC-SML 190 Datasheet
266Kb / 1P
CLIPLITE SML 190
REV. 1
logo
Multicomp Pro
SML 190 MULTICOMP-SML 190 Datasheet
97Kb / 3P
LENS MOUNTS FOR 3mm & 5mm LEDs
13/02/10 V1.1
logo
Visual Communications C...
SML 190A VCC-SML 190A Datasheet
266Kb / 1P
CLIPLITE SML 190
REV. 1
More results

Similar Description - SML

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
SMH ILLINOISCAPACITOR-SMH Datasheet
218Kb / 2P
Small size ??Extended Life ??Low cost
SVH ILLINOISCAPACITOR-SVH Datasheet
221Kb / 4P
Small size ??Extended Life ??Low cost
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
306Kb / 3P
Small Size ??Low Cost
107SML063M ILLINOISCAPACITOR-107SML063M Datasheet
306Kb / 3P
Small Size ??Low Cost
226SMH016M ILLINOISCAPACITOR-226SMH016M Datasheet
284Kb / 2P
Small Size ??Extended Life ??Low Cost
logo
Willow Technologies Ltd
CXL-GP WILLOW-CXL-GP Datasheet
435Kb / 2P
Small, Low-Cost
CXTA WILLOW-CXTA Datasheet
326Kb / 2P
Small, Low-Cost, Rugged
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
Small size and low cost
HJR4102E TIANBO-HJR4102E Datasheet
1Mb / 3P
Small size and low cost
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com