Electronic Components Datasheet Search
  English  ▼

X  

LM2575T-15 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2575T-15
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575T-15 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2575T-15 Datasheet HTML 2Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 3Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 4Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 5Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 6Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 7Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 8Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 9Page - National Semiconductor (TI) LM2575T-15 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LM1575-5.0, LM2575-5.0, LM2575HV-5.0
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.
Symbol
Parameter
Conditions
Typ
LM1575-5.0
LM2575-5.0
Units
(Limits)
LM2575HV-5.0
Limit
Limit
(Note 2)
(Note 3)
η
Efficiency
V
IN = 12V, ILOAD =1A
77
%
LM1575-12, LM2575-12, LM2575HV-12
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range .
Symbol
Parameter
Conditions
Typ
LM1575-12
LM2575-12
Units
(Limits)
LM2575HV-12
Limit
Limit
(Note 2)
(Note 3)
SYSTEM PARAMETERS (Note 4) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 25V, ILOAD = 0.2A
12
V
Circuit of Figure 2
11.88
11.76
V(Min)
12.12
12.24
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
12
V
LM1575/LM2575
15V
≤ V
IN
≤ 40V
11.64/11.52
11.52/11.40
V(Min)
Circuit of Figure 2
12.36/12.48
12.48/12.60
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
12
V
LM2575HV
15V
≤ V
IN
≤ 60V
11.64/11.52
11.52/11.40
V(Min)
Circuit of Figure 2
12.42/12.54
12.54/12.66
V(Max)
η
Efficiency
V
IN = 15V, ILOAD =1A
88
%
LM1575-15, LM2575-15, LM2575HV-15
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range .
Symbol
Parameter
Conditions
Typ
LM1575-15
LM2575-15
Units
(Limits)
LM2575HV-15
Limit
Limit
(Note 2)
(Note 3)
SYSTEM PARAMETERS (Note 4) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 30V, ILOAD = 0.2A
15
V
Circuit of Figure 2
14.85
14.70
V(Min)
15.15
15.30
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
15
V
LM1575/LM2575
18V
≤ V
IN
≤ 40V
14.55/14.40
14.40/14.25
V(Min)
Circuit of Figure 2
15.45/15.60
15.60/15.75
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
15
V
LM2575HV
18V
≤ V
IN
≤ 60V
14.55/14.40
14.40/14.25
V(Min)
Circuit of Figure 2
15.525/15.675
15.68/15.83
V(Max)
η
Efficiency
V
IN = 18V, ILOAD =1A
88
%
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com