Electronic Components Datasheet Search
  English  ▼

X  

VCS70US05 Datasheet(PDF) 3 Page - XP Power Limited

Part # VCS70US05
Description  50-100 Watts VCS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VCS70US05 Datasheet(HTML) 3 Page - XP Power Limited

  VCS70US05 Datasheet HTML 1Page - XP Power Limited VCS70US05 Datasheet HTML 2Page - XP Power Limited VCS70US05 Datasheet HTML 3Page - XP Power Limited VCS70US05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VCS70
Model and Ratings
Mechanical Details
5.12 (130.0)
3.88
(98.5)
3.07 (78.0)
0.14
(3.5)
0.20 (5.0)
0.22 (5.5)
1.61
(41.0)
0.80 (20.3)
0.75 (19.0)
1.21
(30.8)
1.18 (30.0)
1.28 (32.4)
0.43 (11.0)
5
5
4
4
3
3
2
2
1
1
Ø 0.13 (3.3)
M3 3 locations
3.55
(90.1)
0.22
(5.5)
0.14
(3.5)
0.2 (5.1)
3.08 (78.3)
0.20 (5.2)
Ø 0.13 (3.3)
1.36
(34.5)
1.26
(32.0)
M3 2 locations
Derating Curves
Ambient Temperature (°C)
80
60
40
20
0
10
-10
-25
20
30
40
50
60
70
100
Input Voltage (VAC)
80
60
40
20
90
100
110
120
230
240 250
85
264
100
Output Power
Output Voltage
Output Current
Ripple & Noise(2)
Efficiency(1)
Model Number
50 W
5.0 V
10.0 A
50 mV
80%
VCS70US05
70 W
12.0 V
5.83 A
120 mV
87%
VCS70US12
15.0 V
4.67 A
150 mV
87%
VCS70US15
24.0 V
2.92 A
240 mV
87%
VCS70US24
48.0 V
1.46 A
480 mV
87%
VCS70US48
Pin
Function
1
AC Live
2
AC Neutral
3
Ground
4
-Vout
5
+Vout
1. All dimensions in inches (mm)
2. Weight: 0.88 lbs (400 g) approx
3. Tolerance ±0.02 (±0.5)
4. Maximum mounting screw penetration 0.157 (4.0) from
outer surface
5. Screw terminal sizes M3
Notes
Notes
1. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.
2. Ripple & Noise may exceed specified values below -10 ˚C.
3. For all loads.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com