Electronic Components Datasheet Search
  English  ▼

X  

VFT150 Datasheet(PDF) 2 Page - XP Power Limited

Part # VFT150
Description  150 Watts VFT Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VFT150 Datasheet(HTML) 2 Page - XP Power Limited

  VFT150 Datasheet HTML 1Page - XP Power Limited VFT150 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
31-Mar-11
VFT150
Models and Ratings
Output Voltage
Output Current
Efficiency(2)
Model Number
Convection-cooled
Forced-cooled
5.0 V
16.0 A
24.00 A
83%
VFT150PS05
12.0 V
8.30 A
12.50 A
87%
VFT150PS12(3)
15.0 V
6.66 A
10.00 A
87%
VFT150PS15
24.0 V
4.20 A
6.25 A
92%
VFT150PS24
48.0 V
2.10 A
3.13 A
92%
VFT150PS48
1. Measured at the output connector with a 0.1 µF ceramic capacitor and a 10 µF
electrolytic capacitor and 20 MHz bandwidth.
2. Average of efficiencies measured at 25%, 50%, 75% & 100% load and
230 VAC input.
3. VFT150PS12 model is available with optional blocking diode, add suffix ‘-D’,
e.g. VFT150PS12-D.
Notes
5.00 (127.0)
4.77 (121.3)
0.22 (5.7)
0.22
(5.7)
2.77
(70.5)
L
N 1
11
3.00
(76.2)
PS05
Ø 0.15
(Ø 4.0 x 4)
5 V
1
1
11
1
1
0 V
PS12/15
PS24/48
+VO
-VO
Sense
Connector
Sense
Connector
Fan
Connector
Fan
Connector
+VO
-VO
Sense
Connector
Fan
Connector
1.10
(28.0)
0.06
(1.6)
0.10
(2.5)
1.24
(31.5)
Input Connector
Pin 1
Neutral
Pin 2
Live
Sense Connector
Pin 1
Sense+
Pin 2
Sense-
Output Connector (PS12-48)
1
+Vout
2
+Vout
3
+Vout
4
+Vout
5
-Vout
6
-Vout
7
-Vout
8
-Vout
Mates with: JST Housing VHR-3N and
JST Series SVH crimp terminals.
Mounting holes marked with
must
be connected to safety earth
Mates with: JST Housing VHR-8N and
JST Series SNH crimp terminals
Mates with: JST PHR-2
Housing and SPH-002T-PO.5S crimps.
Fan Connector
Pin 1
Fan+
Pin 2
Fan-
Mates with: JST XHP-3
Housing and SXH-002T-PO.6 crimps
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
Ambient Temperature (ºC)
0
80
Mechanical Details
1. All dimensions shown in inches (mm).
2. Weight: 0.75 lbs (340 g) approx
3. Tolerance: x.xx = ±0.04 (x.x = ±0.1);
x.xxx = ±0.2 (x.xx = ±0.5)
Notes
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com