Electronic Components Datasheet Search
  English  ▼

X  

EL2276CS Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2276CS
Description  70MHz/1mA Current Mode Feedback Amp W/Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2276CS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2276CS Datasheet HTML 6Page - Intersil Corporation EL2276CS Datasheet HTML 7Page - Intersil Corporation EL2276CS Datasheet HTML 8Page - Intersil Corporation EL2276CS Datasheet HTML 9Page - Intersil Corporation EL2276CS Datasheet HTML 10Page - Intersil Corporation EL2276CS Datasheet HTML 11Page - Intersil Corporation EL2276CS Datasheet HTML 12Page - Intersil Corporation EL2276CS Datasheet HTML 13Page - Intersil Corporation EL2276CS Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Response for Various RF and RG, and Frequency Response
for Various CIN-.
Feedback Resistor Values
The EL2176/EL2276 have been designed and specified at
gains of +1 and +2 with RF = 1.0kΩ. This value of feedback
resistor gives 70MHz of -3dB bandwidth at AV = +1 with
about 1.5dB of peaking, and 60MHz of -3dB bandwidth at AV
= +2 with about 0.5dB of peaking. Since the EL2176/EL2276
are current-feedback amplifiers, it is also possible to change
the value of RF to get more bandwidth. As seen in the curve
of Frequency Response For Various RF and RG, bandwidth
and peaking can be easily modified by varying the value of
the feedback resistor.
Because the EL2176 is a current-feedback amplifier, the
gain-bandwidth product is not a constant for different closed-
loop gains. This feature actually allows the EL2176/EL2276
to maintain about the same -3dB bandwidth, regardless of
closed-loop gain. However, as closed-loop gain is increased,
bandwidth decreases slightly while stability increases.
Since the loop stability is improving with higher closed-loop
gains, it becomes possible to reduce the value of RF below
the specified 1.0k
Ω and still retain stability, resulting in only a
slight loss of bandwidth with increased closed-loop gain.
Supply Voltage Range and Single-Supply
Operation
The EL2176/EL2276 have been designed to operate with
supply voltages having a span of greater than 3V, and less
than 12V. In practical terms, this means that the
EL2176/EL2276 will operate on dual supplies ranging from
±1.5V to ±6V. With a single-supply, the EL2176 will operate
from +3V to +12V.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that
can get as close as possible to the supply voltages. The
EL2176/EL2276 have an input voltage range that extends to
within 1V of either supply. So, for example, on a single +5V
supply, the EL2176/EL2276 have an input range which
spans from 1V to 4V. The output range of the
EL2176/EL2276 is also quite large, extending to within 1V of
the supply rail. On a ±5V supply, the output is therefore
capable of swinging from -4V to +4V. Single-supply output
range is even larger because of the increased negative
swing due to the external pull-down resistor to ground. On a
single +5V supply, output voltage range is about 0.3V to 4V.
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because of the change in output current with DC
level. Until the EL2176/EL2276, good Differential Gain could
only be achieved by running high idle currents through the
output transistors (to reduce variations in output impedance).
These currents were typically in excess of the entire 1mA
supply current of each EL2176/EL2276 amplifier! Special
circuitry has been incorporated in the EL2176/EL2276 to
reduce the variation of output impedance with current output.
This results in dG and dP specifications of 0.15% and 0.15°
while driving 150
Ω at a gain of +2.
Video Performance has also been measured with a 500
Ω
load at a gain of +1. Under these conditions, the
EL2176/EL2276 have dG and dP specifications of 0.01%
and 0.02° respectively while driving 500
Ω at AV = +1.
Output Drive Capability
In spite of its low 1mA of supply current, the EL2176 is
capable of providing a minimum of ±80mA of output current.
Similarly, each amplifier of the EL2276 is capable of
providing a minimum of ±50mA. These output drive levels
are unprecedented in amplifiers running at these supply
currents. With a minimum ±80mA of output drive, the
EL2176 is capable of driving 50
Ω loads to ±4V, making it an
excellent choice for driving isolation transformers in
telecommunications applications. Similarly, the ±50mA
minimum output drive of each EL2276 amplifier allows
swings of ±2.5V into 50
Ω loads.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will
decouple the EL2176/EL2276 from the cable and allow
extensive capacitive drive. However, other applications may
have high capacitive loads without a back-termination
resistor. In these applications, a small series resistor (usually
between 5
Ω and 50Ω) can be placed in series with the
output to eliminate most peaking. The gain resistor (RG) can
then be chosen to make up for any gain loss which may be
created by this additional resistor at the output. In many
cases it is also possible to simply increase the value of the
feedback resistor (RF) to reduce the peaking.
Current Limiting
The EL2176/EL2276 have no internal current-limiting
circuitry. If any output is shorted, it is possible to exceed the
Absolute Maximum Ratings for output current or power
dissipation, potentially resulting in the destruction of the
device.
Power Dissipation
With the high output drive capability of the EL2176/EL2276,
it is possible to exceed the 150°C Absolute Maximum
junction temperature under certain very high load current
conditions. Generally speaking, when RL falls below about
25
Ω, it is important to calculate the maximum junction
temperatu re (TJmax) for the application to determine if
power-supply voltages, load conditions, or package type
need to be modified for the EL2176/EL2276 to remain in the
EL2176, EL2276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com