Electronic Components Datasheet Search
  English  ▼

X  

I593 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I593
Description  3.2 mm x 2.5 mm 6 Pads SMD TCXO or TC/VCXO Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I593 Datasheet(HTML) 1 Page - ILSI America LLC

  I593 Datasheet HTML 1Page - ILSI America LLC I593 Datasheet HTML 2Page - ILSI America LLC I593 Datasheet HTML 3Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.2 mm x 2.5 mm 6 Pads SMD TCXO or TC/VCXO Oscillator
I593 / I793 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 03/28/16_D
Page 1 of 3
Product Features:
Advanced PLL Technology
1.5 pSec Phase Jitter typ.
Fast Delivery
RoHS and Lead Free Compliant
Applications:
Server & Storage
CDMA / WCDMA
802.11 / Wifi
T1/E1, T3/E3
3.20±0.10
2.50±0.10
2.00±0.20
1.60±0.10
13
4
6
5
2
2.10
.50
.72
.50
.90
.50
2.56
1.60
1.10
.68
.75
Suggested
Land Pattern
N/C or Ground
Pin 1
Pin Connections
Voltage Control
Pin 5
Pin 6
Supply Voltage (Vcc)
TCVCXO
TCXO
Pin 2
N/C or Enable / Disable
Pin 3
Ground
Pin 4
Output
LVCMOS
N/C
LVPECL
LVDS
Complementary Output
Dimensions in mm
Frequency
LVCMOS
LVPECL
LVDS
10.000 MHz to 245.000 MHz
10.000 MHz to 1450.000 MHz
10.000 MHz to 1450.000 MHz
Output Levels
LVCMOS
LVPECL
LVDS
Logic “0” = 10% of Vcc max
Logic “1” = 90% of Vcc min
Logic “0” = Vcc – 1.85 Vmin, Vcc – 1.60 V max
Logic “1” = Vcc – 1.03 V min, Vcc -0.60 V max
Logic “0” = 1.10 V typ, 0.90 V min
Logic “1” = 1.40 V typ, 1.60 V max
Load
LVCMOS
LVPECL
LVDS
15pF
Differential
Differential
Duty Cycle
50% ±5% (Ref to 50% of waveform)
Rise / Fall Time
LVCMOS
LVPECL
LVDS
1.5 nSec typ, 3.0 nSec max (10% to 90% of waveform)
0.2 nSec typ, 0.5 nSec max (20% to 80% of waveform)
0.2 nSec typ, 0.4 nSec max (20% to 80% of waveform)
Frequency Stability
Initial Calibration Tolerance
vs. Temperature
vs. Aging
vs. Voltage
vs. Load
vs. Reflow
±1.0 ppm max at +25ºC ±2ºC at time of shipment
See Stability in Part Number Guide
±1.0 ppm max per year at +25ºC
±0.2 ppm max for a ±5% change in Supply Voltage (Vcc)
±0.2 ppm max for a ±10% change in load
±1.0 ppm max after 1 reflow and measured 24 hours after.
Start-up Time
5 mSec max
Supply Voltage (±5%)
+2.50 VDC , +3.30 VDC See Part Number Guide
Current
See table 1 sheet 2
Current with Output
Disabled
18 mA typ
Phase Noise (RMS)
1.5 pSec typ (12.000 kHz to 20.000 MHz)
Less than 400nSec (1.875 kHz to 21.000 MHz)
Temperature Range
Operating
Storage
See Operating Temperature in Part Number Guide
-55ºC to +150ºC
Notes:
A 0.01 µF and 10 µF bypass capacitors are recommended between Vcc (Pin 6) and GND (Pin 3)
to minimize power supply noise.
Part Number Guide
Sample Part Number: I593-63Q8H-20.000
Package
Input Voltage
Operating Temperature
Stability
(in ppm)
Output
Enable / Disable
(Pin 2)
Frequency
I593 = TCXO
I793 = VCXO
3 = +3.3 V
1 = 0ºC to +70ºC
0 = ±1.5*
3 = LVCMOS
H = Enable
20.000 MHz
6 = +2.5 V
2 = -40ºC to 85ºC
P = ±2.0*
8 = LVDS
O = N/C
3 = -20ºC to +70ºC
Q = ±2.5*
9 = LVPECL
5 = -30ºC to +85ºC
R = ±3.0
J = ±5.0
* Not available for all temperature ranges.


Similar Part No. - I593

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I595 ILSI-I595 Datasheet
183Kb / 3P
Advanced PLL Technology
More results

Similar Description - I593

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I537 ILSI-I537 Datasheet
47Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I547 ILSI-I547 Datasheet
47Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD TCXO
ISM34 ILSI-ISM34 Datasheet
48Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, HC-MOS
I642 ILSI-I642 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD VCXO LVCMOS / LVPECL / LVDS
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
logo
Connor-Winfield Corpora...
D32G-016M CONNOR-WINFIELD-D32G-016M Datasheet
576Kb / 2P
3.2 x 2.5 mm Precision TCXO Model D32G
logo
TAITIEN ELECTRONICS CO....
XO-0071-PX-TYPE TAITIEN-XO-0071-PX-TYPE Datasheet
377Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
XO-0072-OX-TYPE TAITIEN-XO-0072-OX-TYPE Datasheet
341Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com