Electronic Components Datasheet Search
  English  ▼

X  

IM802 Datasheet(PDF) 5 Page - ILSI America LLC

Part # IM802
Description  Direct pin to pin drop-in replacement for industry-standard packages
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM802 Datasheet(HTML) 5 Page - ILSI America LLC

  IM802 Datasheet HTML 1Page - ILSI America LLC IM802 Datasheet HTML 2Page - ILSI America LLC IM802 Datasheet HTML 3Page - ILSI America LLC IM802 Datasheet HTML 4Page - ILSI America LLC IM802 Datasheet HTML 5Page - ILSI America LLC IM802 Datasheet HTML 6Page - ILSI America LLC IM802 Datasheet HTML 7Page - ILSI America LLC IM802 Datasheet HTML 8Page - ILSI America LLC IM802 Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM802 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/30/16_A
Page 5 of 9
Pin Functionally
Pin Description
Pin
Symbol
Functionality
Pin Assignments
1
OE
Tri-state
High or Open = specified frequency output
Low = Output is high impedance, only output is disabled.
14
3
2
Top View
GND
Vdd
OUT
OE
ST
N/C
ST
Standby
High or Open = specified frequency output.
Low = Output is low. Device goes to sleep mode. Supply current
reduces to standby current.
N/C
No Connect
Any voltage between 0.0 V to Vdd or Open = specified frequency
output
Pin 1 has no functiion
2
GND
Power
Electrical ground
3
Out
Output
Oscillator output
4
Vdd
Power
Power supply voltage
Notes:
1.
In OE or
ST mode, a pull-up resistor of 10.0 kΩ or less is recommended if Pin 1 is not externally
driven. If Pin 1 needs to be left floating, use the NC option.
2.
A capacitor of value 0.1 µF or higher between Pin 4 (Vdd) and Pin 1 (GND) is required.
Pin 1 Configuration Options (OE, or
, or NC)
Pin 1 of the IM802 can be factory-programmed to support three modes: Output Enable (OE), Standby (ST) or No Connect (NC).
Output Enable (OE) Mode
In the OE mode, applying logic Low to the OE pin only disables the output driver and puts it in Hi-Z mode. The core of the device
continues to operate normally. Power consumption is reduced due to the inactivity of the output. When the OE pin is pulled High, the
output is typically enabled in <1 µSec.
Standby
Mode
In the ST mode, a device enters into the standby mode when Pin 1 pulled Low. All internal circuits of the device are turned off. The
current is reduced to a standby current, typically in the range of a few µA. When ST is pulled High, the device goes through the
“resume” process, which can take up to 5 mSec.
No Connect (NC) Mode
In the NC mode, the device always operates in its normal mode and outputs the specified frequency regardless of the logic level
on Pin 1.
Table 1 below summarizes the key relevant parameters in the operation of the device in OE, ST, or NC mode.
Parameters
OE
ST
NC
Active current 125.0 MHz (max +1.80 VDC)
5.6 mA
5.6 mA
5.6 mA
OE disable current (max +1.80 VDC)
4.0 mA
N/A
N/A
Standby current (typical +1.80 VDC)
N/A
0.6 µA
N/A
OE enable time at 125.0 MHz (max)
124 nSec
N/A
N/A
Resume time from standby
(max, all frequency)
N/A
5 mSec
N/A
Output driver in OE disable/standby mode
High Z
N/A
Table 1 OE vs. ST vs. NC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com