Electronic Components Datasheet Search
  English  ▼

X  

IM802C Datasheet(PDF) 7 Page - ILSI America LLC

Part # IM802C
Description  Direct pin to pin drop-in replacement for industry-standard packages
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM802C Datasheet(HTML) 7 Page - ILSI America LLC

  IM802C Datasheet HTML 1Page - ILSI America LLC IM802C Datasheet HTML 2Page - ILSI America LLC IM802C Datasheet HTML 3Page - ILSI America LLC IM802C Datasheet HTML 4Page - ILSI America LLC IM802C Datasheet HTML 5Page - ILSI America LLC IM802C Datasheet HTML 6Page - ILSI America LLC IM802C Datasheet HTML 7Page - ILSI America LLC IM802C Datasheet HTML 8Page - ILSI America LLC IM802C Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM802 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/30/16_A
Page 7 of 9
Selectable Drive Strength Option
Rise/Fall Time (20% to 80%) vs CLOAD Tables
Rise/Fall Time Typ (nSec)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
T
0.93
n/a
n/a
E
0.78
n/a
n/a
U
0.70
1.48
n/a
- = (default)
0.65
1.30
n/a
Rise/Fall Time Typ (nSec)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.45
n/a
n/a
B
1.09
n/a
n/a
T
0.62
1.28
n/a
E
0.54
1.00
n/a
- = (default)
0.43
0.96
n/a
F
0.34
0.88
n/a
Table 2: Vdd = +1.8 V Rise/Fall time for Specific CLOAD
Table 3: Vdd = +2.5 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nSec)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.29
n/a
n/a
B
0.97
n/a
n/a
T
0.55
1.12
n/a
E
0.44
1.00
n/a
- = (default)
0.34
0.88
n/a
F
0.29
0.81
1.48
Rise/Fall Time Typ (nSec)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.22
n/a
n/a
B
0.89
n/a
n/a
- = (default)
0.51
1.00
n/a
E
0.38
0.92
n/a
U
0.30
0.83
n/a
F
0.27
0.76
1.39
Table 4: Vdd = +2.8 V Rise/Fall time for Specific CLOAD
Table 5: Vdd = +3.0 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nSec)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.16
n/a
n/a
B
0.81
n/a
n/a
- = (default)
0.46
1.00
n/a
E
0.33
0.87
n/a
U
0.28
0.79
1.46
F
0.29
0.72
1.31
Table 6: Vdd = +3.3 V Rise/Fall time for Specific CLOAD
Note :
“n/a” indicates that the resulting rise/fall time from the respective combination of the drive strength and output does not provide rail-
to rail swing and is not available.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com