Electronic Components Datasheet Search
  English  ▼

X  

IM802E Datasheet(PDF) 1 Page - ILSI America LLC

Part # IM802E
Description  Direct pin to pin drop-in replacement for industry-standard packages
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM802E Datasheet(HTML) 1 Page - ILSI America LLC

  IM802E Datasheet HTML 1Page - ILSI America LLC IM802E Datasheet HTML 2Page - ILSI America LLC IM802E Datasheet HTML 3Page - ILSI America LLC IM802E Datasheet HTML 4Page - ILSI America LLC IM802E Datasheet HTML 5Page - ILSI America LLC IM802E Datasheet HTML 6Page - ILSI America LLC IM802E Datasheet HTML 7Page - ILSI America LLC IM802E Datasheet HTML 8Page - ILSI America LLC IM802E Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM802 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/30/16_A
Page 1 of 9
Features:
MEMS Technology
Direct pin to pin drop-in replacement for industry-standard packages
LVCMOS/HCMOS Compatible Output
Industry-standard package 2.0 x 1.6, 2.5 x 2.0, 3.2 x 2.5, 5.0 x 3.2 mm x mm
Pb-free, Halogen-free, Antimony-free
RoHS and REACH compliant
Fast delivery times
Typical Applications:
Fibre Channel
Server and Storage
GPON, EPON
100M / 1G /10G Ethernet
Electrical Specifications:
Frequency Range
115.000 MHz to 137.000MHz
Frequency Stability
See Part Number Guide
Inclusive of Initial Tolerance, Operating Temperature Range, Load,
Voltage, and Aging
Operating Temperature
See Part Number Guide
Supply Voltage (Vdd) ±10%
See Part Number Guide
Current Consumption
6.2 mA typ./ 7.5 mA max
5.5 mA typ./ 6.4 mA max
4.9 mA typ./ 5.6 mA max
No load condition, F = 125 MHz, Vdd = +2.8V, +3.0V, = +3.3 V
No load condition, F = 125 MHz, Vdd = +2.5 V
No load condition, F = 125 MHz, Vdd = +1.8 V
OE Disable Current
4.2 mA max
4.0 mA max
Vdd = +2.5 V to +3.3 V, OE = GND, Output in high-Z state
Vdd = +1.8 V, OE = GND, Output in high-Z state
Standby Current
2.6 µA typ./ 4.3 µA max
1.4 µA typ./ 2.5 µA max
0.6 µA typ./1.3 µA max
ST = GND, Vdd = +2.8 V to +3.3V
ST = GND, Vdd = +2.5 V
ST = GND, Vdd = +1.8 V
Waveform Output
LVCMOS / HCMOS
Symmetry (50% of waveform)
45%/55%
All supply voltages
Rise / Fall Time
1.0 nSec typ./ 2.0 nSec max
1.3 nSec typ./ 2.5 nSec max
Vdd = +2.5 V, +2.8 V, + 3.0 V or +3.3 V from 20% to 80% of waveform
Vdd = +1.8 V from 20% to 80% of waveform
Logic “1”
90% of Vdd min
Logic “0”
10% of Vdd max
Input Characteristics
70% of Vdd max
Pin 1, OE or
ST
Input High Voltage
30% of Vdd min
Pin 1, OE or
ST
Input Pull-up Impedance
50kΩ min / 87kΩ typ. 150kΩ max
2.0MΩ min
Pin 1, OE logic high or logic or
ST logic high
Pin 1,
ST logic Low
Startup Time
5 mSec max
Measured from the time Vdd reaches its rated minimum value
Enable Disable Time
122 nSec max
F=137 MHz For other frequencies Toe = 100 nSec + 3 cycles
Resume Time
5 mSec max
Measured from the time
ST pin crosses 50% threshold
RMS Period Jitter
1.9 pSec typ,/ 3.0 pSec max
1.8 pSec typ./ 4.0 pSec max
F= 125 MHz, Vdd = +2.5 V, +2.8 V, + 3.0 V or +3.3 V
F = 125 MHz, Vdd = +1.8 V
Peak-to-peak Period Jitter
12.0 pSec typ./ 25.0 pSec max
14.0 pSec typ./ 30.0 pSec max
F = 125 MHz, Vdd = +2.5 V, +2.8 V, + 3.0 V or +3.3 V
F = 125 MHz, Vdd = +1.8 V
RMS Phase Jitter (random)
0.5 pSec typ./ 0.9 pSec max
1.3 pSec typ./ 2.0 pSec max
Integration Bandwidth = 900 kHz to 7.5 MHz
Integration Bandwidth = 12 kHz to 20.0 MHz
Notes:
1.
All min and max limits are specified over temperature and rated operating voltage with 15pF output unless otherwise stated.
2.
Typical values are at +25ºC and nominal supply voltage.
3333
Absolute Maximum Limits
Storage Temperature
-65ºC to +150ºC
Supply Voltage (Vdd)
-0.5 VDC to 4.0 VDC
Electrostatic Discharge
2000 V max
Solder Temperature (follow standard Pb free soldering guidelines)
260ºC max
Junction Temperature
150ºC max


Similar Part No. - IM802E

ManufacturerPart #DatasheetDescription
logo
MMD Components
IM802E MMD-IM802E Datasheet
781Kb / 9P
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
More results

Similar Description - IM802E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
204 MARL-204 Datasheet
280Kb / 5P
Direct replacement for T1 쩐 Bi-Pin
logo
Grayhill, Inc
38BX-4-H-3-N GRAYHILL-38BX-4-H-3-N Datasheet
216Kb / 1P
Drop-In Replacement for Industry Standard
logo
XP Power Limited
QSB XPPOWER-QSB Datasheet
153Kb / 4P
Industry Standard Packages
logo
ILSI America LLC
IM801 ILSI-IM801 Datasheet
623Kb / 9P
Direct pin to pin drop-in replacement for industry-standard packages
IM811 ILSI-IM811 Datasheet
540Kb / 7P
Direct pin to pin drop-in replacement for industry-standard packages
IM840 ILSI-IM840 Datasheet
414Kb / 7P
Direct pin to pin drop-in replacement for industry-standard packages
IM841 ILSI-IM841 Datasheet
417Kb / 7P
Direct pin to pin drop-in replacement for industry-standard packages
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com