Electronic Components Datasheet Search
  English  ▼

X  

IM830 Datasheet(PDF) 4 Page - ILSI America LLC

Part # IM830
Description  Pb-free, RoHS and REACH compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM830 Datasheet(HTML) 4 Page - ILSI America LLC

  IM830 Datasheet HTML 1Page - ILSI America LLC IM830 Datasheet HTML 2Page - ILSI America LLC IM830 Datasheet HTML 3Page - ILSI America LLC IM830 Datasheet HTML 4Page - ILSI America LLC IM830 Datasheet HTML 5Page - ILSI America LLC IM830 Datasheet HTML 6Page - ILSI America LLC IM830 Datasheet HTML 7Page - ILSI America LLC IM830 Datasheet HTML 8Page - ILSI America LLC IM830 Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM830 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 4 of 9
Figure 7: RMS Integrated Phase Jitter Random
(12 kHz to 20.0 MHz) vs. Frequency
Figure 8: RMS Integrated Phase Jitter Random
(900 kHz to 20.0 MHz) vs. Frequency
Environmental Specifications:
Environmental Compliance
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002
Mechanical Vibration
MIL-STD-883F, Method 2007
Temperature Cycle
JESD22, Method A104
Solderability
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL Level 1 at +260ºC
Pb Free Solder Reflow Profile
Ts max to TL (Ramp-up Rate)
3ºC / second max
Preheat
Temperature min (Ts min)
Temperature typ (Ts typ)
Temperature max (Ts max)
Time (Ts)
150ºC
175ºC
200ºC
60 to180 seconds
Ramp-up Tate (TL to Tp
3ºC / second max
Time Maintained Above
Temperature (TL)
Time (TL)
217ºC
60 to 150 seconds
Peak Temperature (Tp)
260ºC max for seconds
Time within 5ºC to Peak
Temperature (Tp)
20 to 40 seconds
Ramp-down Rate
6ºC / second max
Tune 25ºC to Peak
Temperature
8 minute max
Moisture Sensitivity Level
(MSL)
Level 1
Units are backward compatible with +240ºC reflow processes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com