Electronic Components Datasheet Search
  English  ▼

X  

KPS Datasheet(PDF) 2 Page - TDK Electronics

Part # KPS
Description  5 to 15W AC-DC Board Mount Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

KPS Datasheet(HTML) 2 Page - TDK Electronics

  KPS Datasheet HTML 1Page - TDK Electronics KPS Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A4: Feb 2012
KPS Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/kps-series.htm
KPS10 Outline Drawing
Output
Maximum
Peak Load
Output
Effic
Model
Voltage (V)
Output (A)
(A)(3)
Pwr (W)
(%)
KPS5-3R3
3.3
1.25
-
4.1
70
KPS5-5
5.0
1.00
-
5.0
70
KPS5-12
12.0
0.42
-
5.0
70
KPS5-15
15.0
0.33
-
5.0
70
KPS5-24
24.0
0.23
-
5.5
77
KPS10-3R3
3.3
2.50
3.80
8.3
65
KPS10-5
5.0
2.00
2.80
10.0
70
KPS10-12
12.0
0.84
1.20
10.1
75
KPS10-15
15.0
0.67
1.00
10.1
75
KPS10-24
24.0
0.42
0.65
10.1
78
KPS15-3R3
3.3
3.00
4.50
9.9
70
KPS15-5
5.0
3.00
4.50
15.0
73
KPS15-12
12.0
1.25
1.80
15.0
80
KPS15-15
15.0
1.00
1.50
15.0
80
KPS15-24
24.0
0.63
0.95
15.1
82
Model Selector (other voltages available)
ZP
40W & 60W, 2x4” footprint
NV175
175W, 3x5”, 1-5 outputs
ZWS
5 to 240W, single output
Other Industrial Products
KPS15 Outline Drawing
KPS5 Outline Drawing
2.752 [69.90]
0.161 [4.10]
2.441 [62.00]
0.039 [1.00]
0.071 [1.80]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com