Electronic Components Datasheet Search
  English  ▼

X  

KW Datasheet(PDF) 2 Page - TDK Electronics

Part # KW
Description  Compact AC-DC PCB-Mount Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

KW Datasheet(HTML) 2 Page - TDK Electronics

  KW Datasheet HTML 1Page - TDK Electronics KW Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A4: Feb 2012
KW Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/kw-series.htm
KPSA
5 to 15W Open frame PCB mount single output
HWS
15 to 1800W Single output
ZWS
5 to 240W Single output, universal input
KM
15 to 40W, Single, dual & triple outputs
Other Industrial Products
KW Outline Drawing
.688
2.125
1.77
.787
.807
KWS10
2.52
KWD15
KWD10
KWD5
150
100
75
KWD5
KWD10
KWD15
KWS15
WEIGHT:
KWS15
KWS10
KWS5
MODEL
75
150
100
GRAMS
(20.5)
(23.5)
.925
.807
(20.5)
(23.5)
.807
(20.5)
.925
(45.0)
(10.0)
1.889
(48.0)
1.77
(45.0)
.453
(11.5)
(10.0)
.393
(48.0)
1.77
(45.0)
1.889
(23.0)
.393
(20.0)
.905
KWS5/KWS10/KWS15
KWD5/KWD10/KWD15
(54.0)
2.440
(62.0)
2.125
(54.0)
2.440
(62.0)
1.850
(47.0)
(55.0)
2.52
(64.0)
(70.0)
2.75
(70.0)
2.75
(64.0)
2.16
(17.5)
.688
(17.5)
.787
(20.0)
(17.5)
.787
(20.0)
.688
DIMENSIONS:
MODEL
KWS5
KWS SERIES
KWD SERIES
.807
(20.5)
A
.15 [4]
1.77
(45.0)
B
.787
(20.0)
C
E
D
F
BOTTOM VIEW
F
1.850
(47.0)
(55.0)
2.16
D
.688
(17.5)
E
F
C
C
B
B
.15 [4]
A
C
C
PIN: 5x .039 (1.0).
DIMENSIONS ARE IN INCHES
EXCEPT DIMENSIONS ( ) ARE IN MM.
2.
NOTE:
1.
L
PIN
Function
FG
Case (Frame Ground)
AC(N)
AC Neutral
AC(L)
AC Line
-V
Negative Voltage Out
+V
Positive Voltage Out
COM
Output common
Model
Voltage (V)
Power (W)
Current (A)
Single Output
KWS5-5
5V
5
1.00
KWS10-5
5V
10
2.00
KWS15-5
5V
15
3.00
KWS5-12
12V
5
0.45
KWS10-12
12V
10
0.90
KWS15-12
12V
15
1.30
KWS5-15
15V
5
0.35
KWS10-15
15V
10
0.70
KWS15-15
15V
15
1.00
Dual Output
KWD5-1212
±12V
5
±0.22
KWD10-1212
±12V
10
±0.45
KWD15-1212
±12V
15
±0.65
KWD5-1515
±15V
5
±0.18
KWD10-1515
±15V
10
±0.36
KWD15-1515
±15V
15
±0.52
Output Ratings
PIN Out Table
Not recommended for new designs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com