Electronic Components Datasheet Search
  English  ▼

X  

KWSA Datasheet(PDF) 2 Page - TDK Electronics

Part # KWSA
Description  Single Output 5W to 25W AC-DC PCB-Mount Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

KWSA Datasheet(HTML) 2 Page - TDK Electronics

  KWSA Datasheet HTML 1Page - TDK Electronics KWSA Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
74
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision p1.3: Oct 2015
KWS-A Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/kwsa-series.htm
KM
15 & 40W, single, dual and triple outputs, medical & ITE
KPSA
5, 10 & 15W, single output
Similar Models
KWS5A, KWS10A Outline Drawing
OUTPUT : 5 V
1 A
50-60Hz
INPUT : 100-240VAC
0.13 A
MADE IN JAPAN
+V
N
L
-V
EHFP
R
Max
Max
Load
Line
Ripple
Voltage
Current
Power
Reg
Reg
Noise
Efficiency
Model
(V)
(A)
(W)
(mV)
(mV)
(mV)
(typ) % (3)
KWS5A-5
5
1.0
5.0
40
20
200
72 / 74
KWS10A-5
5
2.0
10.0
40
20
200
76 / 77
KWS15A-5
5
3.0
15.0
40
20
200
76 / 77
KWS25A-5
5
5.0
25.0
40
20
200
80 / 82
KWS5A-12
12
0.45
5.4
96
48
240
73 / 75
KWS10A-12
12
0.9
10.8
96
48
240
80 / 81
KWS15A-12
12
1.3
15.6
96
48
240
80 / 83
KWS25A-12
12
2.2
26.4
96
48
240
84 / 86
KWS5A-15
15
0.35
5.3
120
60
240
73 / 75
KWS10A-15
15
0.7
10.5
120
60
240
81 / 82
KWS15A-15
15
1.0
15.0
120
60
240
81 / 84
KWS25A-15
15
1.7
25.5
120
60
240
85 / 87
KWS5A-24
24
0.22
5.3
150
96
240
75 / 77
KWS10A-24
24
0.5
12.0
150
96
240
82 / 84
KWS15A-24
24
0.7
16.8
150
96
240
82 / 85
KWS25A-24
24
1.1
26.4
150
96
240
86 / 88
Model Selector
Notes:
(3) 100 / 200VAC input. Full load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com