Electronic Components Datasheet Search
  English  ▼

X  

PFE-SA Datasheet(PDF) 1 Page - TDK Electronics

Part # PFE-SA
Description  300-1008W AC-DC Power Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PFE-SA Datasheet(HTML) 1 Page - TDK Electronics

  PFE-SA Datasheet HTML 1Page - TDK Electronics PFE-SA Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
114
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
PFE-SA,PFE500-F&PFE1000-FA
Features
Low profile, small size
100°C baseplate temperature
High power density
High Efficiency
Suitable for conduction cooling
Power Factor Corrected (PFC)
300-1008W AC-DC Power Module
Notes: (Consult Installation Manual for detailed specifications, test methods and application notes)
* PFE1000-F models - Last time buy March 1, 2017, please use PFE1000FA models as a replacement
1)
External components are required, consult Application Notes
2)
PFE500SA-12, PFE500F-12: -40 to 85°C. See instruction manuals for derating curves
PFE1000F28, PFE1000FA, PFE1000F48 & PFE1000FA48: -40 to 85°C below 170VAC input voltage.
See instruction manuals for derating curves
3)
PFE500F, PFE1000F, PFE1000FA: 500VDC Output to baseplate
4)
Reduced PFC above 63Hz. Contact technical support for 440Hz operation.
Key Market Segments & Applications
PFE300SA
PFE700SA
PFE500F
PFE1000F*
Model
PFE500SA
PFE1000FA
AC Input
VAC
85 to 265VAC, 47-63Hz (up to 440Hz) (4)
Input Current (115 / 230VAC)
3.2 / 1.6
6.8 / 3.4
13.6 / 6.6 (100/200VAC)
Model dependant
A
5.2 / 2.5
7.0 / 3.4
100/200VAC
10.6 / 5.2
Inrush Current (115 / 230VAC) (1)
A
23 / 46A peak
Power Factor
-
0.95 minimum, meets EN61000-3-2
Output Voltage Setpoint Accuracy
-
±2%
±1V
±2%
±2%
Ripple and Noise
(1)
-
1%
4V
1%
1%
Over Current Protection
%
105 - 140% (Automatic Recovery)
105 - 140%
Manual reset
Over Voltage Protection
-
125 - 145%
60 - 69.6V
125 - 145%
125 - 145%
Series Operation
-
Yes
Parallel Operation
-
No
Yes (Droop mode)
Yes (Single wire)
Yes (Single wire)
Power On Signal (ENA)
-
Open collector (10mA sink current). Low (on) when output is present
Auxiliary Supply
-
None
None
10 - 14V, 20mA
10 - 14V, 20mA
Remote On/Off (Opto isolated)
-
None
None
High = On
High = On
Overtemperature Protection
-
Yes
Operating Baseplate Temp.
°C
-40 to +100°C (2)
Storage Temperature
°C
-40 to +100°C
Humidity (non condensing)
-
Operating: 20 - 95%RH, Non Operating: 10 - 95%RH
Cooling
-
Conduction
Withstand Voltage (1 min)
(3)
-
Input to Output 3kVAC, Input to Baseplate 2.5kVAC, Output to Baseplate 1.5kVDC
Isolation Resistance
-
Output to baseplate: 100M Ohm at 500VDC, 25°C ambient, 70%RH
Vibration (non operating)
-
10-55Hz (1 min sweep), constant amplitude 0.825mm (max 49m/s2), X, Y, Z 1 hour each
Shock
-
196.1m/s2
Safety Certifications
-
UL60950-1, CSA60950-1 (cUL), EN60950-1, CE mark (LVD)
500
Weight
g
200
250
300
420
Size (WxHxL)
mm
61 x 12.7 x 116.8mm
70 x 12.7 x 122mm
100 x 13.4 x 160mm
in
2.4 x 0.5 x 4.6”
2.76 x 0.5 x 4.8”
3.94 x 0.53 x 6.3”
2 years
Warranty
yrs
5 years
2 years
5 years
Specifications


Similar Part No. - PFE-SA

ManufacturerPart #DatasheetDescription
logo
Level One
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
PoE Extender over Hybrid Fiber
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
PFE-1004R LVL1-PFE-1004R Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
PFE-1011R LVL1-PFE-1011R Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
More results

Similar Description - PFE-SA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NX301 CANDD-NX301 Datasheet
64Kb / 4P
300 WATT AC/DC POWER SUPPLY
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
AC-DC Power Module
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
AC-DC Power Module
logo
TDK Electronics
PFE500S-28 TDK-PFE500S-28 Datasheet
384Kb / 2P
300 to 1008W AC-DC Power Module
PFE500S48 TDK-PFE500S48 Datasheet
215Kb / 3P
300 to 1008W AC-DC Power Module
logo
List of Unclassifed Man...
PFE500-28 ETC2-PFE500-28 Datasheet
241Kb / 2P
300 to 714W AC-DC Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com