Electronic Components Datasheet Search
  English  ▼

X  

IM841 Datasheet(PDF) 7 Page - ILSI America LLC

Part # IM841
Description  Direct pin to pin drop-in replacement for industry-standard packages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM841 Datasheet(HTML) 7 Page - ILSI America LLC

  IM841 Datasheet HTML 1Page - ILSI America LLC IM841 Datasheet HTML 2Page - ILSI America LLC IM841 Datasheet HTML 3Page - ILSI America LLC IM841 Datasheet HTML 4Page - ILSI America LLC IM841 Datasheet HTML 5Page - ILSI America LLC IM841 Datasheet HTML 6Page - ILSI America LLC IM841 Datasheet HTML 7Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 220.00 MHz to 625.00MHz
IM841 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 02/15/16_A
Page 7 of 7
Tape and Reel Dimensions
DIRECTION OF FEED
REF: EIA-481-E
Q3 Q4
Q2
Q1
WIDTH
TAPE
PITCH
REEL DIA
Part
Number
Size
Pitch
Tape
Width
Pin
Orient.
Reel
Dia.
Count
IM841B
5.0 x 3.2
4.0 ± 0.1
8.3 max
Q1
180 Dia
3000
IM841C
3.2 x 2.5
4.0 ± 0.1
8.3 max
Q1
180 Dia
3000
Notes:`
All dimensions are in mm.
Do not scale drawings.
PROPRIETARY AND CONFIDENTIAL
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION, AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY
PURPOSE NOR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM ILSI America.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com