Electronic Components Datasheet Search
  English  ▼

X  

KMS15A-5. Datasheet(PDF) 2 Page - TDK Electronics

Part # KMS15A-5.
Description  15-60W Medical AC-DC PCB-Mount Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

KMS15A-5. Datasheet(HTML) 2 Page - TDK Electronics

  KMS15A-5. Datasheet HTML 1Page - TDK Electronics KMS15A-5. Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision p1.7: Sept 2016
KMS-A Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/km-series.htm
Output Maximum
Output Ripple
Line
Load
Maximum
Voltage
Current
Power
& Noise
Regulation
Regulation
Efficiency Capacitive Load
Model
(V)
(A)
(W)
(mV)
(mV)
(mV)
(%)
(μF)
KMS15A-5
5V
3A
15W
120mV
±25mV
±50mV
79%
7000
KMS30A-5
5V
5A
25W
100mV
±25mV
±50mV
84%
6800
KMS60A-5
5.1V
10A
51W
100mV
±25mV
±75mV
86%
10000
KMS15A-9
9V
1.666A
15W
120mV
±45mV
±90mV
80%
5000
KMS60A-9
9V
6.666A
60W
100mV
±45mV
±135mV
87%
5000
KMS15A-12
12V
1.25
15W
120mV
±60mV
±120mV
84%
1500
KMS30A-12
12V
2.5A
30W
150mV
±60mV
±120mV
89%
1600
KMS60A-12
12V
5A
60W
120mV
±60mV
±120mV
88%
5000
KMS15A-15
15V
1A
15W
150mV
±75mV
±150mV
84%
1000
KMS30A-15
15V
2A
30W
150mV
±75mV
±150mV
86%
1200
KMS60A-15
15V
4A
60W
150mV
±75mV
±150mV
86%
4000
KMS15A-24
24V
0.625
15W
240mV
±120mV
±240mV
85%
470
KMS30A-24
24V
1.25A
30W
240mV
±120mV
±240mV
86%
470
KMS60A-24
24V
2.5A
60W
240mV
±120mV
±240mV
87%
2000
Model Selector
KMSA15
KMSA60
KMSA30
PIN #
KMS15A
KMS30A
KMS60A
1
AC (L)
AC (N)
AC (L)
2
AC (N)
AC (L)
AC (N)
3
+Vout
-Vout
+Vout
4
-Vout
No pin
No pin
5
+Vout
-Vout
6
No pin
7
No pin
Pinout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com