Electronic Components Datasheet Search
  English  ▼

X  

LM1577 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1577
Description  SIMPLE SWITCHER Step-Up Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM1577 Datasheet HTML 11Page - National Semiconductor (TI) LM1577 Datasheet HTML 12Page - National Semiconductor (TI) LM1577 Datasheet HTML 13Page - National Semiconductor (TI) LM1577 Datasheet HTML 14Page - National Semiconductor (TI) LM1577 Datasheet HTML 15Page - National Semiconductor (TI) LM1577 Datasheet HTML 16Page - National Semiconductor (TI) LM1577 Datasheet HTML 17Page - National Semiconductor (TI) LM1577 Datasheet HTML 18Page - National Semiconductor (TI) LM1577 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Application Hints (Continued)
C.
Select an inductor from the table of Figure 10 which
cross-references the inductor codes to the part numbers
of three different manufacturers. Complete specifica-
tions for these inductors are available from the respec-
tive manufacturers. The inductors listed in this table
have the following characteristics:
AIE: ferrite, pot-core inductors; Benefits of this type are
low electro-magnetic interference (EMI), small physical
size, and very low power dissipation (core loss). Be
careful not to operate these inductors too far beyond
their maximum ratings for E
•T and peak current, as this
will saturate the core.
Pulse: powdered iron, toroid core inductors; Benefits are
low EMI and ability to withstand E
•T and peak current
above rated value better than ferrite cores.
Renco: ferrite, bobbin-core inductors; Benefits are low
cost and best ability to withstand E
•T and peak current
above rated value. Be aware that these inductors gener-
ate more EMI than the other types, and this may inter-
fere with signals sensitive to noise.
DS011468-12
Note: These charts assume that the inductor ripple current inductor is approximately 20% to 30% of the average inductor current (when the regulator is under
full load). Greater ripple current causes higher peak switch currents and greater output ripple voltage; lower ripple current is achieved with larger-value
inductors. The factor of 20 to 30% is chosen as a convenient balance between the two extremes.
FIGURE 9. LM1577-ADJ/LM2577-ADJ Inductor Selection Graph
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com