Electronic Components Datasheet Search
  English  ▼

X  

LM2575T-ADJ Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2575T-ADJ
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575T-ADJ Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2575T-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2575T-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2575T-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2575T-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2575T-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2575T-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2575T-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM2575T-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM2575T-ADJ Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Typical Performance Characteristics (Circuit of Figure 2) (Continued)
Oscillator Frequency
Switch Saturation
Voltage
01147538
01147539
Efficiency
Minimum Operating Voltage
01147540
01147541
Quiescent Current
vs Duty Cycle
Feedback Voltage
vs Duty Cycle
01147542
01147543
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com