Electronic Components Datasheet Search
  English  ▼

X  

HWS540 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS540
Description  No external DC blocking capacitors required
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS540 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS540 Datasheet HTML 1Page - Hexawave, Inc HWS540 Datasheet HTML 2Page - Hexawave, Inc HWS540 Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HWS540
GaAs 0.5-6.0 GHz SPDT Switch
Preliminary Datasheet
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Return Loss vs. Frequency
-60
-50
-40
-30
-20
-10
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency(GHz)
Isolation vs. Frequency
-60
-50
-40
-30
-20
-10
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency(GHz)
Insertion Loss vs. Frequency
-2.4
-2
-1.6
-1.2
-0.8
-0.4
0
0.51.0 1.52.0 2.53.0 3.54.0 4.55.0 5.56.0
Frequency(GHz)
Logic Table for Switch On-Path
VC1
VC2
RFC-RF1
RFC-RF2
1
0
off
on
0
1
on
off
0
0
Shutdown
‘1’ = +1.3V to VDD
‘0’ = 0V to +0.3V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com