Electronic Components Datasheet Search
  English  ▼

X  

HWS541 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS541
Description  Low DC Power Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS541 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS541 Datasheet HTML 1Page - Hexawave, Inc HWS541 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HWS541
GaAs 2-6 GHz SPDT Switch
Dec 2015 V2
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data with 8pF
Capacitors @ +25°C
Return Loss vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency(GHz)
Insertion Loss vs. Frequency
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency(GHz)
Isolation vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency(GHz)
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+33 dBm @ +3V
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Electrostatic Discharge
Machine Model
Class M1
Pin Out (Top View)
RFC
RF2
RF1
GND
C
B
C
B
C
B
VC2
VC1
C
A
C
A
1
2
3
4
5
6
Note:
1. DC blocking capacitors CB=8pF are required on all
RF ports.
2. RF by-pass capacitors CA=8pF.
3. Exposed pad in the bottom must be connected to
ground by via holes.
Logic Table for Switch On-Path
VC1
VC2
RFC-RF1
RFC-RF2
1
0
Off
On
0
1
On
Off
‘1’ = +1.8V to +5V
‘0’ = 0V to +0.2V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com