Electronic Components Datasheet Search
  English  ▼

X  

HD66773R Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD66773R
Description  262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD66773R Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD66773R Datasheet HTML 93Page - Renesas Technology Corp HD66773R Datasheet HTML 94Page - Renesas Technology Corp HD66773R Datasheet HTML 95Page - Renesas Technology Corp HD66773R Datasheet HTML 96Page - Renesas Technology Corp HD66773R Datasheet HTML 97Page - Renesas Technology Corp HD66773R Datasheet HTML 98Page - Renesas Technology Corp HD66773R Datasheet HTML 99Page - Renesas Technology Corp HD66773R Datasheet HTML 100Page - Renesas Technology Corp HD66773R Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 133 page
background image
HD66773R
Rev.1.10, Jun.21.2003, page 97 of 133
Instruction Setting Flow
Make the setting for each instruction according to the following sequence.
Display ON/OFF
Display off
Display on
EQ = 0
Display off
GON = “1”
DTE = “1”
D1-0 = “10”
Wait (2 frames or more)
Display off
GON =”1”
DTE = “0”
D1-0 = “10”
Display off
GON =”0”
DTE = “0”
D1-0 = “00”
Display on
GON = “0”
DTE = “0”
D1-0 = “01”
Display on
GON =”1”
DTE = “0”
D1-0 = “11”
Display on
GON =”1”
DTE = “1”
D1-0 = “11”
Power On sequence
see Note 1
Display on
GON =”1”
DTE = “0”
D1-0 = “01”
Display ON
Display OFF
Power OFF sequence
see Note 2)
Wait (2 frames or more)
Wait (2 frames or more)
Wait (2 frames or more)
To Display ON flow
To Display OFF flow
Note 1) See Page 99, "Power Supply Setting Flow". Execute the power on sequence.
Note 2) See Page 99, "Power Supply Setting Flow". Execute the power off sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com