Electronic Components Datasheet Search
  English  ▼

X  

CGO Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CGO
Description  Ultra Low ESR Screw Terminal Aluminum Electrolytic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGO Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CGO Datasheet HTML 1Page - Cornell Dubilier Electronics CGO Datasheet HTML 2Page - Cornell Dubilier Electronics CGO Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
Max
Catalog
Typical ESR Ripple
Cap
Part Number 120 Hz 20 kHz 20 kHz Dia. Length
(µF)
(Ω)
(Ω) (A) RMS (In.)
(In.)
5 WVdc ( 6 Vdc Surge )
18000 CGO183M005L 0.016 0.009
9.8
1.375 2.125
7.5 WVdc ( 9 Vdc Surge )
15000 CGO153M7R5L .0158 0.010
9.4
1.375 2.125
21000 CGO213M7R5L 0.013 0.008
10.9
1.375 2.625
27000 CGO273M7R5L 0.011 0.007
12.7
1.375 3.125
33000 CGO333M7R5L 0.009 0.006
14.2
1.375 3.625
39000 CGO393M7R5L 0.009 0.006
15.5
1.375 4.125
45000 CGO453M7R5L 0.008 0.005
17.5
1.375 4.625
10 WVdc ( 12 Vdc Surge )
14000 CGO143M010L 0.018 0.010
9.3
1.375 2.125
19000 CGO193M010L 0.013 0.008
10.9
1.375 2.625
16 WVdc ( 18 Vdc Surge )
10000 CGO103M016L .0167 0.010
9.3
1.375 2.125
14000 CGO143M016L 0.008 0.006
10.9
1.375 2.625
18000 CGO183M016L 0.011 0.007
12.6
1.375 3.125
22000 CGO223M016L 0.010 0.006
14.2
1.375 3.625
20 WVdc ( 22 Vdc Surge )
12000 CGO123M020L .0142 0.009
10.8
1.375 2.625
16000 CGO163M020L 0.012 0.007
12.6
1.375 3.125
20000 CGO203M020L 0.010 0.007
14.1
1.375 3.625
22000 CGO223M020L 0.009 0.006
15.4
1.375 4.125
27000 CGO273M020L 0.008 0.005
17.4
1.375 4.625
34000 CGO343M020L 0.007 0.005
19.6
1.375 5.625
Max
Catalog
Typical ESR Ripple
Cap
Part Number 120 Hz 20 kHz 20 kHz Dia. Length
(µF)
(Ω)
(Ω) (A) RMS (In.)
(In.)
28 WVdc ( 32 Vdc Surge )
6300 CGO632M028L 0.021 0.012
8.3
1.375 2.125
8800 CGO882M028L 0.017 0.010
9.9
1.375 2.625
8900 CGO892M028L 0.017 0.010
10.1
1.375 2.625
14000 CGO143M028L 0.012 0.008
13.1
1.375 3.625
35 WVdc ( 40 Vdc Surge )
4,500 CGO452M035L 0.024 0.012
8.2
1.375 2.125
6300 CGO632M035L 0.019 0.010
9.8
1.375 2.625
8100 CGO812M035L 0.015 0.009
11.5
1.375 3.125
10000 CGO103M035L 0.013 0.008
13.0
1.375 3.625
14000 CGO143M035L 0.010 0.006
16.1
1.375 4.625
45 WVdc ( 50 Vdc Surge )
3800 CGO382M045L 0.032 0.018
8.1
1.375 2.125
4600 CGO462M045L 0.024 0.013
9.7
1.375 2.625
10000 CGO103M045L 0.022 0.013
15.6
1.375 4.625
55 WVdc ( 64 Vdc Surge )
2800 CGO282M055L .0302 0.015
7.5
1.375 2.125
3900 CGO392M055L 0.023 0.012
9.0
1.375 2.625
5000 CGO502M055L 0.019 0.010
10.6
1.375 3.125
10000 CGO103M055L 0.011 0.006
17.2
1.375 5.625
Type CGO Ultra Low ESR Screw Terminal Aluminum Electrolytic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com