Electronic Components Datasheet Search
  English  ▼

X  

MENB1121 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENB1121
Description  Medical Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1121 Datasheet(HTML) 2 Page - SL Power Electronics

  MENB1121_13 Datasheet HTML 1Page - SL Power Electronics MENB1121_13 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________ 2 of 2
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565  Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Model
"A"
= Original Configuration
Product Fam ily:
"M" = Medical, "E" = External, "NB" = Model Series Designator
Output Pow er:
"150" = 150 Watts
# of Outputs
"1"
= Single Output
"01" = Standard. "02" and higher indicate s a m odified m odel.
Model
Output Voltage:
"12" = 12Vdc, "15" = 15Vdc, etc.
Input Connector:
"F"
= IEC320 C14 grounded. Other options available, see below .
Output Connector:
"51" = Molex 39-01-2060.
Other options available.
Model Number Key
12 51
MENB
01
1 120 A
F
Input Connector Options
DC Output Connector
Output Connector Options
Pinout
Mating Connector
Class I (grounded) Inlet:
“F” = IEC60320 C14
Class II (ungrounded) Inlets:
“N” = IEC60320 C8
“Q” = IEC60320 C18
“51” = 6 pin, Molex 39-01-2060 or equiv. Pins 1,4: +Vout
Pins 3,6: -Vout
Pins 2,4: NC
Molex 39-01-3063
or equiv.
Dimensions are in mm.
Data Sheet © 2013 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 12-23-2013
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MENB1121A1251F01
12 V
10.0 A
120 W
120mV
MENB1121A1551F01
15 V
8.0 A
120 W
150mV
MENB1121A1851F01
18 V
6.6 A
120 W
180mV
MENB1121A2451F01
24 V
5.0 A
120 W
240mV
Outline Drawing
MENB1121
Universal Input 120 Watt Series
Medical Switch-Mode Power Supply
3 Year Warranty
1200 ± 50
67.4 ± 0.5
212.4 ± 0.5
44.25 ± 1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com