Electronic Components Datasheet Search
  English  ▼

X  

ME20A1503C01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # ME20A1503C01
Description  20W Single Output External Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME20A1503C01 Datasheet(HTML) 2 Page - SL Power Electronics

  ME20A1503C01 Datasheet HTML 1Page - SL Power Electronics ME20A1503C01 Datasheet HTML 2Page - SL Power Electronics ME20A1503C01 Datasheet HTML 3Page - SL Power Electronics ME20A1503C01 Datasheet HTML 4Page - SL Power Electronics ME20A1503C01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ME20
20W Single Output External Power
Medical Series
www.slpower.com
ME20 Rev 2.7
2-MAY-16
2
Model Selection (continued)
Model
Output
Output
Ripple &
Line
Load
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Connector
Configuration
ME20A0503Q01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C18
Receptacle
ME20A0603Q01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
ME20A0703Q01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
ME20A0903Q01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
ME20A1203Q01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
ME20A1503Q01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
ME20A1803Q01
18.0V
1.00A
18W
180mV pk-pk
±1%
±5%
ME20A2403Q01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
ME20A4803Q01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
ME20A0503B01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug,
Interchangeable
Blades (North American
Blade included)
²
ME20A0603B01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
ME20A0703B01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
ME20A0903B01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
ME20A1203B01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
ME20A1503B01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
ME20A1803B01
18.0V
1.00A
18W
180mV pk-pk
±1%
±5%
ME20A2403B01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
ME20A4803B01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
ME20A0503C01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug,
Fixed North American
Blades³
ME20A0603C01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
ME20A0703C01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
ME20A0903C01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
ME20A1203C01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
ME20A1503C01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
ME20A1803C01
18.0V
1.00A
18W
180mV pk-pk
±1%
±5%
ME20A2403C01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
ME20A4803C01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
Notes:
1. Measured at the output connector, with noise probe directly across output and load terminated with 0.1μF ceramic and 10μF low ESR capacitors. For 5V and
6V models, values listed are typical, 100mV pk-pk maximum with 0.1μF ceramic and 47μF low ESR capacitors used at measurement point.
2. Order blade kit KT-1027K for other blades (EU. UK, Australia)
3. For EU fixed blades, replace “C” in the model number with “M”, for UK blades, replace “C” with “G”, for Australia blades, replace “C” with “H”.
4. For Input Class I models: For AC GND connected to output common (-), insert a “B” in the part number where the “A” is located (ME20B0503F01).
5. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
∅
Turn On Time
Less than 700mS @115Vac, full load
Input Current
100Vac: 0.5A, 240Vac: 0.2A
Hold-up Time
20mS min., at full Load, 100Vac input
Inrush Current
264Vac, cold start: will not exceed 40A
Overtemperature
Protection
Will shutdown upon an overtemperature
condition, auto-recovery.
Input Fuses
F1, F2: 3.15A, 250Vac fuses (line & neutral
lines) provided on all models
Overload Protection
130 to 180% of rating, Hiccup Mode
Earth Leakage
Current
Input-GND: <500μA@264Vac, 60Hz, NC
Output-GND: <4mA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
>87%, typical
Overvoltage
Protection
130 to 150% of output voltage, hiccup mode
Output Power
15 to 20W continuous – See models chart for
specific voltage model ratings.
Isolation
Input-Output:
2 MOPP
Input-Ground:
1 MOPP
Output-Ground: 1500Vac
No Load Input
Power
<0.1W per DoE Efficiency Level VI
Requirements
Safety Standards
ANSI/AAMI ES60601-1:2005/(R)2012, CSA
CAN/CSA-C22.2 NO, 60601-1:14; IEC60601-
1:2005+CORR.2:2007+AM:2012; EN 60601-
1:2006/A11:2011, EN60601-1: 2006/A12:2014,
EN60601-1:2006/A1:2013,
Ripple and Noise
See models chart on pg 1.
Operating
Temperature
-20°C to +70°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com