Electronic Components Datasheet Search
  English  ▼

X  

DSC2041 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC2041
Description  Low-Jitter Configurable Dual HCSL-CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2041 Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC2041 Datasheet HTML 1Page - Micrel Semiconductor DSC2041 Datasheet HTML 2Page - Micrel Semiconductor DSC2041 Datasheet HTML 3Page - Micrel Semiconductor DSC2041 Datasheet HTML 4Page - Micrel Semiconductor DSC2041 Datasheet HTML 5Page - Micrel Semiconductor DSC2041 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
______________________________________________________________________________________________________________________________________________
DSC2041
Page 2
MK-Q-B-P-D-12042611-2
DSC2041
Low-Jitter Configurable Dual HCSL-CMOS Oscillator
Pin Description
Pin No.
Pin Name
Pin
Type
Description
1
Enable
I
Enables outputs when high and disables (tri-state) them when low
2
NC
NA
Leave unconnected or grounded
3
OS0
I
Least significant bit for output drive strength selection for CMOS
4
GND
Power
Ground
5
FS0
I
Least significant bit for frequency selection
6
FS1
I
Middle bit for frequency selection
7
FS2
I
Most significant bit for frequency selection
8
Output1+
O
Positive HCSL Output 1
9
Output1-
O
Negative HCSL Output 1
10
OS1
I
Middle bit for output drive strength selection for CMOS
11
Output 2
O
CMOS output
12
VDD2
Power
Power Supply 2 for CMOS Output
13
VDD
Power
Power Supply
14
OS2
I
Most significant bit for output drive strength selection for CMOS
Operational Description
The DSC2041 is a dual output HCSL-CMOS
oscillator consisting of a MEMS resonator and
a support PLL IC. The two outputs, CMOS and
HCSL, are generated through independent 8-
bit programmable dividers from the output of
the internal PLL. Two constraints are imposed
on the output frequencies: 1) f2=M x f1/N,
where M and N are even integers between 4
and 254, 2) 1.2GHz < N x f2 < 1.7GHz.
The actual frequencies output by the DSC2041
are controlled by an internal pre-programmed
memory (OTP).
This memory stores all
coefficients required by the PLL for up to eight
different frequency combinations.
Three
control pins (FS0 – FS2) select the output
frequency combination.
Discera supports
customer defined versions of the DSC2041.
Standard frequency options are described in in
the following sections.
The DSC2041 provides control of the output
voltage levels of the CMOS output. VDD2 (pin
12) sets the high voltage level of Output 2 and
must be equal to or less than VDD at all times
to insure proper operation. VDD2 can be as
low as 1.65V.
When Enable (pin 1) is floated or connected to
VDD, the DSC2041 is in operational mode.
Driving Enable to ground will tri-state both
output drivers (hi-impedance mode).
The DSC2041 has programmable output drive
strength for CMOS output. Using three control
pins (OS0-OS2), the drive strength for CMOS
output (output 2) can be adjusted to match
circuit board impedances to reduce power
supply noise, overshoot/undershoot and EMI.
Table 1 displays typical rise / fall times for the
output with a 15pf load capacitance as a
function of these control pins at VDD=3.3V
and room temperature.
Table 1. Rise/Fall times for drive strengths
Output Drive Strength Bits
[OS2, OS1, OS0] - Default [111]
000 001 010 011 100 101 110 111
tr (ns) 2.1 1.7 1.6 1.4 1.3 1.3 1.2 1.1
tf (ns) 2.5 2.4 2.4
2
1.8 1.6 1.3 1.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com