Electronic Components Datasheet Search
  English  ▼

X  

DSC2040 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC2040
Description  Low-Jitter Configurable HCSL Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2040 Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC2040 Datasheet HTML 1Page - Micrel Semiconductor DSC2040 Datasheet HTML 2Page - Micrel Semiconductor DSC2040 Datasheet HTML 3Page - Micrel Semiconductor DSC2040 Datasheet HTML 4Page - Micrel Semiconductor DSC2040 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
______________________________________________________________________________________________________________________________________________
DSC2040
Page 2
MK-Q-B-P-D-12042610-2
DSC2040
Low-Jitter Configurable HCSL Oscillator
Pin Description
Pin No.
Pin Name
Pin Type
Description
1
Enable
I
Enables outputs when high and disables when low
2
NC
NA
Leave unconnected or grounded
3
NC
NA
Leave unconnected or grounded
4
GND
Power
Ground
5
FS0
I
Least significant bit for frequency selection
6
FS1
I
Most significant bit for frequency selection
7
NC
NA
Leave unconnected or grounded
8
Output+
O
Positive HCSL Output
9
Output-
O
Negative HCSL Output
10
NC
NA
Leave unconnected or grounded
11
NC
NA
Leave unconnected or grounded
12
VDD2
Power
Power Supply
13
VDD
Power
Power Supply
14
NC
NA
Leave unconnected or grounded
Operational Description
The DSC2040 is a HCSL oscillator consisting of
a MEMS resonator and a support PLL IC. The
HCSL
output
is
generated
through
independent 8-bit programmable dividers from
the output of the internal PLL.
The actual frequency output by the DSC2040
is controlled by an internal pre-programmed
memory (OTP).
This memory stores all
coefficients required by the PLL for up to four
different frequencies. Two control pins (FS0 –
FS1) select the output frequency.
Discera
supports customer defined versions of the
DSC2040.
Standard frequency options are
described in the following sections.
When Enable (pin 1) is floated or connected to
VDD, the DSC2040 is in operational mode.
Driving Enable to ground will tri-state output
driver (hi-impedance mode).
Output Clock Frequencies
Table 1 lists the standard frequency configurations and the associated ordering information to be
used in conjunction with the ordering code. Customer defined combinations are available.
Table 1. Pre-programmed pin-selectable output frequency combinations
Ordering
Info
Freq
(MHz)
Freq Select Bits [FS1, FS0] – Default is [11]
00
01
10
11
D0001
fOUT
125
156.25
200
100
D000X
fOUT
Contact factory for additional configurations.
Frequency select bit are weakly tied high so if left unconnected the default setting will be [11] and
the device will output the associated frequency highlighted in Bold.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com