Electronic Components Datasheet Search
  English  ▼

X  

HSPPA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # HSPPA
Description  Industry-lowest current consumption and high sensing precision
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSPPA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  HSPPA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Pressure Sensor
HSPPA Series
●Specifications provided in this catalog are an outline only. Please
obtain formal delivery specifications before use. ●Colors of
products shown in this catalog may differ slightly from those of the
actual products. ●Product names, company names and names of
standards appearing in this catalog are generally trademarks or
registered trademarks of their respective owners. ●Please contact
us if you have any inquiries about the products and their use. ●This
catalog is valid until December 31, 2016.
●For the export of products which are controlled items subject to foreign and domestic export laws and regulations, you must obtain approval and/or follow the
formalities of such laws and regulations. ●Products must not be used for military and/or antisocial purposes such as terrorism, and shall not be supplied to any party
intending to use the products for such purposes. ●Unless provided for otherwise, the products have been designed and manufactured for application in equipment
and devices which are sold to end users in the market, including audio-visual (AV) equipment, electrical home appliances, office machines, information and
communication equipment, and amusement equipment. The products are not intended for use in, and must not be used for, any application for nuclear equipment,
driving equipment for aerospace or any other unauthorized use. With the exception of the abovementioned prohibited applications, please contact an Alps sales
representative and/or evaluate the total system regarding applicability for applications involving high levels of safety and liability such as medical equipment, burglar
alarm equipment, disaster prevention equipment and undersea equipment. Please also incorporate fail-safe design, protection and redundant circuitry, malfunction
protection, and/or fire protection into the complete system to ensure safety and reliability of the total system. ●Before using products which were not specifically
designed for use in automotive applications, please contact an Alps sales representative.
Precautions when handling our products
Cautions for using this catalog
Inquiries about this product
■
Product Information Center +81 (3) 5499-8154
■
Product Information URL http://www.alps.com/products/e/
Typical Specifications
Dimensions
Features
Applications
● 1.8μA low current consumption (in Low Power mode)
● High sensing precision with ±0.7hPa absolute and ±0.05hPa relative pressure accuracy
● Industry-smallest dimensions of 2.0 × 2.5 × 0.9mm
● 1Built-in temperature compensation circuit means compensation by the host product
is not required
● Built-in 16-step FIFO
● Smartphones, tablets, wearable electronics and other mobile devices
● Altitude control for drones or other equipment
● Indoor navigation
Unit : mm
Operating temperature range
Absolute pressure accuracy
Pressure range
Noise
Dimensions(W×D×H)
Industry-lowest current consumption and high sensing precision
Supply voltage
2.0 × 2.5 × 0.9 mm
-40 to + 85℃
±0.7hPa
±0.05hPa
300∼1100hPa
0.013hPa (High Resolution mode)
1.7 ‒ 3.6V
Digital (I2C, SPI)
1.8μA (1Hz sampling, Low Power mode)
2
0.9
Current consumption
※Alps Electric research as of March 2016
Output
Relative pressure accuracy
※


Similar Part No. - HSPPA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSPPAA ALPS-HSPPAA Datasheet
370Kb / 1P
MEMS Pressure Sensor
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
Digital Pressure Sensor
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
Digital Pressure Sensor
HSPPAD143A ALPS-HSPPAD143A Datasheet
1Mb / 28P
Digital Pressure Sensor
Sep/10/2019
HSPPAD147A ALPS-HSPPAD147A Datasheet
1Mb / 29P
・This sensor is digtal output humidity sensor .
Jun/30/2023
More results

Similar Description - HSPPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSM2512S VISHAY-CSM2512S Datasheet
628Kb / 5P
Technology High Precision, Current Sensing, Power Surface Mount
3-May-11
logo
Texas Instruments
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
Precision Lowest-Cost
logo
List of Unclassifed Man...
PCR-4T ETC-PCR-4T Datasheet
541Kb / 1P
PRECISION CURRENT SENSING RESISTORS
logo
STMicroelectronics
AN3413 STMICROELECTRONICS-AN3413 Datasheet
325Kb / 18P
STM32L1x current consumption measurement and touch sensing demonstration firmware
27-Jun-2013
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
PRECISION CURRENT SENSING CHIP RESISTORS
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
Chip Current Sensing Precision Resistor
logo
NIHON DEMPA KOGYO
NR-2B NDK-NR-2B_16 Datasheet
705Kb / 1P
High Precision Industry
WF994A0056RC NDK-WF994A0056RC Datasheet
785Kb / 1P
For High Precision Industry
logo
C&B ELECTRONICS (SHENZH...
PCSK RESI-PCSK Datasheet
1Mb / 2P
Molded Precision Current Sensing Resistor
2023/02/14
PCSR RESI-PCSR Datasheet
578Kb / 2P
Molded Precision Current Sensing Resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com