Electronic Components Datasheet Search
  English  ▼

X  

RS301111C01L Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RS301111C01L
Description  Solderable with auto dipping and available in a wide variety
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS301111C01L Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RS301111C01L Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS301111C01L Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
390
Super SlideTM(Standard Type)
RS □□ 1
Dimensions
Unit:mm
35
3-ø1.5 hole
2
1
5
30
C0.5
1
0.4
2-M2
41
45
1
Mounting
surface
2
1
5
30
C0.5
1
0.4
2-M2
41
45
1
Mounting
surface
No.
2
3-ø1.5 hole
25
C0.5
1
20
1
5
0.4
2-M2
31
35
2
1
Mounting
surface
1
3
Style
PC board mounting hole dimensions
(Viewed from mounting side)
35
22.5
(12.5) 10
3-ø1.5 hole
2-ø2
hole
Packing Specifications
Tray
Travel(mm)
Number of
resister elements
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
15, 20
Single-unit
700
2,800
378×518×422
30
Single-unit/
Dual-unit
600
2,400
45
Single-unit
1,300
1,300
373×529×273
Dual-unit
1,150
1,150
60
Single-unit/
Dual-unit
900
900
The length of Lever(L1)can be customized. Refer to P.396 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com