Electronic Components Datasheet Search
  English  ▼

X  

716 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # 716
Description  FREQUENCY RANGE TO 3GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

716 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  716 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. 716 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. 716 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. 716 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. 716 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
52
COAXIAL CONNECTORS
716 Series
■RECEPTACLE
■JACK
This series can be connected to general-purpose
(IEC60169-4)plugs.
Dimensions in millimeters
16.7
5
8.8±0.1
31 Ref.
M29×1.5
φ1±0.05
□24.8±0.1
□31.8
4−φ3.2
+0.1
 0
■RECEPTACLE
Panel mount
・Straight・Four-hole Mount
Part Number
:716T001D00
PANEL MOUNTING HOLE PATTERNS
(REF.)
12.4±0.1
24.8±0.1
φ11.5±0.1
4-M3
■JACK
Panel mount
・Straight・Four-hole Mount
Part Number
:716H001D13
Applicable Cables:2.5D-2V Equivalent
PANEL MOUNTING HOLE PATTERNS
(REF.)
24.8±0.1
12.4±0.1
φ12.2
+0.2
 0
+0.2
 0
4-φ4.2
(Note)Procedure for wire connection…See pages 113 to 120
20.9
56.1
32 Ref.
25 Ref.
M29×1.5
10
(SHRINKAGE TUBE)
□24.8±0.1
□31.8
4-φ4
+0.2
 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com