Electronic Components Datasheet Search
  English  ▼

X  

DS8409 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # DS8409
Description  Green Mode Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

DS8409 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  DS8409 Datasheet HTML 1Page - Richtek Technology Corporation DS8409 Datasheet HTML 2Page - Richtek Technology Corporation DS8409 Datasheet HTML 3Page - Richtek Technology Corporation DS8409 Datasheet HTML 4Page - Richtek Technology Corporation DS8409 Datasheet HTML 5Page - Richtek Technology Corporation DS8409 Datasheet HTML 6Page - Richtek Technology Corporation DS8409 Datasheet HTML 7Page - Richtek Technology Corporation DS8409 Datasheet HTML 8Page - Richtek Technology Corporation DS8409 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT8409
2
DS8409-00
September 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
SGND
Signal ground of the chip.
2
COMP
Close loop compensation node.
3
FB
Error amplifier input.
4
SENSE
Current sense input.
5, 6
DRAIN
Internal MOSFET drain.
7
NC
No internal connection.
8
VCC
Supply voltage input of the chip. For good bypass, a ceramic capacitor near the VCC pin is
required.
Typical Application Circuit
SGND
COMP
FB
RT8409
SENSE
VCC
R2
L1
D7
C4
D5
C2
R2B
R2A
C1
CIN
VOUT
3
2
1
8
4
DRAIN
5, 6
C3
X
R4
R3
X
R1
RSTART
D2
D4
D1
D3
F1
D8
Bootstrap diode
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com