Electronic Components Datasheet Search
  English  ▼

X  

10H116 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 10H116
Description  Triple Line Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

10H116 Datasheet(HTML) 1 Page - ON Semiconductor

  10H116 Datasheet HTML 1Page - ON Semiconductor 10H116 Datasheet HTML 2Page - ON Semiconductor 10H116 Datasheet HTML 3Page - ON Semiconductor 10H116 Datasheet HTML 4Page - ON Semiconductor 10H116 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 11
1
Publication Order Number:
MC10H116/D
MC10H116
Triple Line Receiver
Description
The MC10H116 is a triple differential amplifier designed for use in
sensing differential signals over long lines and is a functional/pinout
duplication of the MC10116, with 100% improvement in propagation
delay and no increase in power supply current. For termination
information see AND8020.
Features
• Propagation Delay, 1.0 ns Typical
• Power Dissipation 85 mW Typ/Pkg (same as MECL 10K™)
• Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
• Voltage Compensated
• MECL 10K Compatible
• These Devices are Pb-Free, Halogen Free and are RoHS Compliant
Figure 1. Logic Diagram
*VBB to be used to supply bias to the MC10H116 only and bypassed
(when used) with 0.01 mF to 0.1 mF capacitor to ground (0 V). VBB can
source < 1.0 mA.
The MC10H116 is designed to be used in sensing differential signals
over long lines. The bias supply (VBB) is made available to make the
device useful as a Schmitt trigger, or in other applications where a
stable reference voltage is necessary.
Active current sources provide these receivers with excellent
common−mode noise rejection. If any amplifier in a package is not
used, one input of that amplifier must be connected to VBB to prevent
unbalancing the current−source bias network.
The MC10H116 does not have internal−input pull− down resistors.
This provides high impedance to the amplifier input and facilitates
differential connections.
Applications:
• Low Level Receiver
• Voltage Level
• Schmitt Trigger
Interface
Figure 2. Dip Pin Assignment
VCC1
AOUT
AOUT
AIN
AIN
BOUT
BOUT
VEE
VCC2
COUT
COUT
CIN
CIN
VBB
BIN
BIN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
5
4
11
3
2
10
9
7
6
13
12
15
14
When input pin with
bubble goes positive
it’s respective output
pin with bubble goes
positive.
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
VBB*
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see TND309, the Pin Conversion Tables,
page 9.
MARKING DIAGRAMS*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
PDIP−16
P SUFFIX
CASE 648−08
PLCC−20
FN SUFFIX
CASE 775−02
SOIC−16
D SUFFIX
CASE 751B−05
1
16
1
16
10H116G
AWLYWW
www.onsemi.com
20
1
10H116G
AWLYYWW
120
16
1
MC10H116P
AWLYYWWG
16
1
*For additional marking information, refer to
Application Note AND8002/D.
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping†
MC10H116DG
SOIC−16
(Pb-Free)
48 Units/Tube
MC10H116DR2G
SOIC−16
(Pb-Free)
2500/Tape & Reel
PLCC−20
(Pb-Free)
MC10H116FNR2G
500/Tape & Reel
PLCC−20
(Pb-Free)
MC10H116FNG
46 Units/Tube
PDIP−16
(Pb-Free)
MC10H116PG
25 Units/Tube


Similar Part No. - 10H116

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
10H12D RALTRON-10H12D Datasheet
76Kb / 3P
MONOLITHIC CRYSTAL FILTERS
logo
ON Semiconductor
10H158 ONSEMI-10H158 Datasheet
154Kb / 6P
Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
logo
Raltron Electronics Cor...
10H15D RALTRON-10H15D Datasheet
76Kb / 3P
MONOLITHIC CRYSTAL FILTERS
More results

Similar Description - 10H116

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
Triple Line Receiver
1996 REV 5
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
Triple Line Receiver
REV 6
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
TRIPLE LINE RECEIVER
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
Triple Differential Line Receiver
June 14 1990
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
Triple Line Receiver
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
Triple Line Receiver
February, 2006 ??Rev. 10
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
Triple Line Receiver
January, 2002 ??Rev. 7
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
Triple Line Receiver
January, 2002 ??Rev. 7
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
TRIPLE LINE RECEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com