Electronic Components Datasheet Search
  English  ▼

X  

CB1 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # CB1
Description  IEC60169-29(Type 0.1/2.3) Standard Compatible Coaxial Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CB1 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  CB1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CB1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CB1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/3
MB-0132-3
November 2006
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Features
CB1 Series
IEC60169-29(Type 0.1/2.3) Standard Compatible Coaxial Connector
Compact coaxial connector compatible to IEC60169-29(Type 0.1/2.3) standard
Receptacle side angel type suitable for narrow-pitch multiple mounting because of small
size --7mm x 7mm for occupied PCB dimension and 4.1mm dia. outer dimension at mating
portion
Low profile receptacle, 7.2mm height from PCB
Screw lock mating is possible and the size is equivalent to Type SMB(IEC60169-10)
Floating in axial direction with approximately 3mm mating stroke (effective length)
Three types of lock mechanism is standardized for cable side, which are intermatable
with this receptacle.
-Screw type: outer diameter 6.5 mm max. extremely compact as a screw type
-Snap-on, Push-Pull type: compatible to friction lock and complete lock
- Slide in type: compatible to rack and panel type mating (without lock)
50 ohm and 75 ohm are standardized. Applicable frequency are as below
  50 ohm: DC to 10GHz, 75 ohm: DC to 2GHz
High environmental durability with surface finishes in gold plating
Compliant to RoHS directive
The CB1 series are compact coaxial connectors compatible to IEC60169-29(type 1.0/2.3)
standard for wireless communication devices and various radio frequency wave devices such
as mobile phones, PHSs, wireless LAN base stations, access points, etc. CB1 series are
space saving and are suitable for multiple use on devices as an I/O connector.
Existing Lineup
Receptacle(board side): Angle Bulk type(75 ohm type)
Mass production under study
Receptacle(board side): Angle type (75, 50 ohm type), Multiple pos. (multiple pin) type
Plug(cable side): Straight type, Angle type
Plug side mating style: Screw type, Snap on push pull type
**Items and cables that are not in the above are under consideration. Please contact us. **
Mobile phone base stations, PHS base stations, wireless LAN Access points, wireless
communication devices, broadcasting devices, measuring devices, RFID(IC tag,
automatic recognition) high frequency module, wireless power amplifiers, etc.
Applications
Board side receptacle
Cable side plug (mass production under study)
RoHS 
Compliant


Similar Part No. - CB1

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CB1 MULTICOMP-CB1 Datasheet
110Kb / 1P
Ceramic Bead Spacers
09/09/19 V1.0
logo
Nais(Matsushita Electri...
CB1-12V NAIS-CB1-12V Datasheet
121Kb / 4P
HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1-12V PANASONIC-CB1-12V Datasheet
138Kb / 8P
MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
CB1-12V PANASONIC-CB1-12V Datasheet
185Kb / 9P
MINI-ISO AUTOMOTIVE RELAY
logo
Nais(Matsushita Electri...
CB1-24V NAIS-CB1-24V Datasheet
121Kb / 4P
HIGH POWER AUTOMOTIVE RELAY
More results

Similar Description - CB1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PO40G-J-119 HIROSE-PO40G-J-119 Datasheet
396Kb / 4P
MIL Standard SMP Compatible Push-on Lock Coaxial Connectors
logo
Sparkle Power Inc.
FSP450-50ERN SPI-FSP450-50ERN Datasheet
63Kb / 1P
Complied with ATX12V 2.3 standard
FSP500-50ERN SPI-FSP500-50ERN Datasheet
65Kb / 1P
Complied with ATX12V 2.3 standard
FSP550-80EPN85 SPI-FSP550-80EPN85 Datasheet
79Kb / 1P
Complied with ATX12V 2.3 standard
FSP600-50ERN SPI-FSP600-50ERN Datasheet
65Kb / 1P
Complied with ATX12V 2.3 standard
FSP600-80EPN85 SPI-FSP600-80EPN85 Datasheet
105Kb / 1P
Complied with ATX12V 2.3 standard
FSP650-80EPN85 SPI-FSP650-80EPN85 Datasheet
88Kb / 1P
Complied with ATX12V 2.3 standard
SPI500ACAP SPI-SPI500ACAP Datasheet
226Kb / 1P
Complied with ATX12V 2.3 standard
logo
Japan Aviation Electron...
CP03 JAE-CP03 Datasheet
450Kb / 5P
65GHz Compatible SMPM Coaxial Connector
SMT JAE-SMT Datasheet
173Kb / 4P
Compact Coaxial Connectors Compatible with IEC60169-10 (Type SMB) Standard
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com