Electronic Components Datasheet Search
  English  ▼

X  

LM2578AN Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2578AN
Description  Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2578AN Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2578AN Datasheet HTML 9Page - National Semiconductor (TI) LM2578AN Datasheet HTML 10Page - National Semiconductor (TI) LM2578AN Datasheet HTML 11Page - National Semiconductor (TI) LM2578AN Datasheet HTML 12Page - National Semiconductor (TI) LM2578AN Datasheet HTML 13Page - National Semiconductor (TI) LM2578AN Datasheet HTML 14Page - National Semiconductor (TI) LM2578AN Datasheet HTML 15Page - National Semiconductor (TI) LM2578AN Datasheet HTML 16Page - National Semiconductor (TI) LM2578AN Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Typical Applications (Continued)
The circuit of
Figure 19 converts a 5V supply into a 15V sup-
ply with 150 mA of output current, a load regulation of 14 mV
(30 mA to 140 mA), and a line regulation of 35 mV (4.5V
≤
V
in ≤ 8.5V).
R1 = (V
o − 1) R2 where R2 = 10 kΩ.
R3 = V/(I
L(max, DC) + 0.5 ∆IL)
where:
∆I
L = 2(ILOAD(min))(Vo/Vin)
∆I
L is 200 mA in this example.
R4, C3 and C4 are necessary for continuous operation and
are typically 220 k
Ω, 20 pF, and 0.0022 µF respectively.
C1 is the timing capacitor found in
Figure 1.
C2
≥ I
o (Vo −Vin)/(fosc Vo Vripple).
D1 is a Schottky type diode such as a IN5818 or IN5819.
L1 is found as described in the buck converter section, using
the inductance chart for
Figure 16 for the boost configuration
and 20% discontinuity.
INVERTING REGULATOR
Figure 20 shows the basic configuration for an inverting
regulator. The input voltage is of a positive polarity, but the
output is negative. The output may be less than, equal to, or
greater in magnitude than the input. The relationship be-
tween the magnitude of the input voltage and the output volt-
age is V
o = Vin x(ton/toff).
Figure 21 shows an LM1578A configured as a 5V to −15V
polarity inverter with an output current of 300 mA, a load
regulation of 44 mV (60 mA to 300 mA) and a line regulation
of 50 mV (4.5V
≤ V
in ≤ 8.5V).
R1 = (|V
o| +1) R2 where R2 = 10 kΩ.
R3 = V/(I
L(max, DC) + 0.5 ∆IL).
R4 = 10V
BE1Bf/(IL (max, DC) + 0.5 ∆IL)
where:
V, V
BE1,Vsat, and Bf are defined in the “Buck Converter with
Boosted Output Current” section.
∆I
L = 2(ILOAD(min))(Vin +|Vo|)/VIN
R5 is defined in the “Buck with Boosted Output Current” sec-
tion.
R6 serves the same purpose as R4 in the Boost Regulator
circuit and is typically 220 k
Ω.
C1, C3 and C4 are defined in the “Boost Regulator” section.
C2
≥ I
o |Vo|/[fosc(|Vo|+Vin)Vripple]
L1 is found as outlined in the section on buck converters, us-
ing the inductance chart of
Figure 16 for the invert configura-
tion and 20% discontinuity.
DS008711-9
FIGURE 18. Basic Boost Regulator
DS008711-11
Vin = 5V
R4 = 200 k
Ω
Vo = 15V
C1 = 1820 pF
Vripple = 10 mV
C2 = 470 µF
Io = 140 mA
C3 = 20 pF
fosc = 50 kHz
C4 = 0.0022 µF
R1 = 140 k
Ω
L1 = 330 µH
R2 = 10 k
Ω
D1 = 1N5818
R3 = 0.15
Ω
FIGURE 19. Boost or Step-Up Regulator
DS008711-10
FIGURE 20. Basic Inverting Regulator
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com